Electronic Components Datasheet Search
  English  ▼

X  

SHT20S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SHT20S
Description  Humidity and Temperature Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SHT20S Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Datasheet SHT20S
www.sensirion.com
Version 4 – May 2014
6/10
Parameter
min
max
Units
VDD to VSS
-0.3
5
V
Digital I/O Pins (SDA, SCL)
to VSS
-0.3
VDD + 0.3
V
Input Current on any Pin
-100
100
mA
Table 3 Electrical absolute maximum ratings
ESD immunity is qualified according to JEDEC JESD22-
A114 method (Human Body Model at
4kV), JEDEC
JESD22-A115 method (Machine Model
200V) and ESDA
ESD-STM5.3.1-1999 and AEC-Q100-011 (Charged
Device Model, 750V corner pins, 500V other pins). Latch-
up immunity is provided at a force current of
100mA with
Tamb = 125°C according to JEDEC JESD78. For exposure
beyond named limits the sensor needs additional
protection circuit.
4.2
Input / Output Characteristics
The electrical characteristics such as power consumption,
low and high level input and output voltages depend on
the supply voltage. For proper communication with the
sensor it is essential to make sure that signal design is
strictly within the limits given in Table 4.
Parameter
min
typ
max Units
Output Low Voltage, VOL
0
V
Output High Voltage, VOH
VDD
V
Output Sink Current, IOL
40
µA
Table 4 DC characteristics of input / output pad. VDD = 2.1 V to
3.6 V, T = -40 °C to 125 °C, unless otherwise noted.
5 Communication with Sensor
5.1
Start up Sensor
As a first step, the sensor is powered up to the chosen
supply voltage VDD (between 2.1V and 3.6V). After
power-up, the sensor needs at most 150ms for reaching
idle state. During that time SDA is in undefined state. Then
the sensor starts measuring and providing data on SDM
bit-stream.
5.2
SDM Output Principle
Sigma Delta Modulation is a bit-stream of pulses; the more
high pulses the higher the value in the full measurement
range – see Figure 10. Such information is humidity for
SCL pulled high and temperature for SCL pulled low. The
fundamental frequency of SDM is in the range of roughly 4
kHz and 65 kHz.
Figure 10 Schematic principle of SDM signal. X represents
either RH or T at different levels of sensor output.
5.3
Converting SDM to Analog Signal
An SDM signal normally is converted to an analog voltage
signal by the addition of a low-pass filter. Figure 11
displays a typical circuit where a simple RC-filter is used.
For conversion into physical values please read the
following Chapter.
Figure 11 Typical circuit with low pass filter (surrounded by
hatched line) for analog output. Recommended component size:
RLP = 100kΩ and CLP = 220nF. By pulling SCL low or high, the
output value is switched to temperature or humidity,
respectively.
For an acceptable small ripple of the analog voltage
signal, a cut-off frequency of 7Hz is recommended. Typical
values for the low pass filter components are R = 100kΩ
and C = 220nF. The corresponding ripple of the signal is
limited to maximal amplitude of ±0.2%RH and ±0.28°C,
respectively. If larger deviations are acceptable the
capacitor size can be reduced.
Important: The maximum current from SDA should not
exceed 40µA. Therefore, there are restrictions on the size
of the resistance RLP. Furthermore, the current should be
kept as low as possible and therefore the input impedance
of the reading buffer shall be larger than 50MΩ (60nA
input biased current). Eventually, cable length between
sensor and low pass filter shall be kept as short as
possible in order to prevent self heating.
Please note, that ripples and impacts by impedance are
not considered in the accuracy statement.
SDA
VDD
0V
SDA
VDD
0V
SDA
VDD
0V
X ≈ 10%
X ≈ 50%
X ≈ 90%
SDA
SCL
VSS
VDD
SHT20S
VSO
Select RH or T
RLP
CLP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com