Electronic Components Datasheet Search
  English  ▼

X  

SHT20S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SHT20S
Description  Humidity and Temperature Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SHT20S Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT20S Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Datasheet SHT20S
www.sensirion.com
Version 4 – May 2014
8/10
For testing of SHT2x sensors sockets, such as from
Plastronics,
part
number
10LQ50S13030
are
recommended (see e.g. www.locknest.com).
8.3
Traceability Information
All SHT2x are laser marked with an alphanumeric, five-
digit code on the sensor – see Figure 12.
Figure 12 Laser marking on sensor. For details see text.
The marking on the sensor consists of two lines with five
digits each. The first line denotes the sensor type
(SHT20). The first digit of the second line defines the
output mode (D = digital, Sensibus and I2C, P = PWM, S =
SDM). The second digit defines the manufacturing year (0
= 2010, 1 = 2011, etc.). The last three digits represent an
alphanumeric tracking code. That code can be decoded by
Sensirion only and allows for tracking on batch level
through production, calibration and testing – and will be
provided upon justified request.
Reels are also labeled, as displayed in Figure 13 and
Figure 14, and give additional traceability information.
Figure 13: First label on reel: XX = Sensor Type (20 for SHT20),
O = Output mode (D = Digital, P = PWM, S = SDM), NN =
product revision no., Y = last digit of year, RRR = number of
sensors on reel divided by 10 (200 for 2000 units), TTTTT =
Traceability Code.
Figure 14: Second label on reel: For Device Type and Part
Order Number (See Packaging Information on page 2), Delivery
Date (also Date Code) is date of packaging of sensors (DD =
day, MM = month, YYYY = year), CCCC = Sensirion order
number.
8.4
Shipping Package
SHT2x are provided in tape & reel shipment packaging,
sealed into antistatic ESD bags. For SHT20S standard
packaging sizes are 1500 and 5000 units per reel. Each
reel contains 440mm (55 pockets) header tape and
200mm (25 pockets) trailer tape.
The drawing of the packaging tapes with sensor
orientation is shown in Figure 15. The reels are provided in
sealed antistatic bags.
Figure 15 Sketch of packaging tape and sensor orientation.
Header tape is to the right and trailer tape to the left on this
sketch.
8.0
2.0
4.0
0.3
1.3
R0.3 MAX
R0.25
Ø1.5 MIN
Ø1.5 MIN
3.3
0.25
SHT20
S0AC4
Device Type:
1-100PPP-NN
Description:
Humidity & Temperature Sensor
SHTxx
Part Order No.
1-100PPP-NN or Customer Number
Date of Delivery: DD.MM.YYYY
Order Code:
45CCCC / 0
Lot No.:
XXO-NN-YRRRTTTTT
Quantity:
RRRR
RoHS:
Compliant
Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com