Electronic Components Datasheet Search
  English  ▼

X  

PE44583 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44583
Description  75 Ohm RCA Male Precision Connector Crimp - Solder Attachment for PE-B159
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44583 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44583 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44583 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44583 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
75 Ohm RCA Male Precision Connector Crimp/Solder Attachment for PE-B159 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm RCA Male Precision Connector Crimp/Solder Attachment for PE-B159 PE44583
URL: http://www.pasternack.com/rca-male-standard-pe-b159-connector-pe44583-p.aspx
75 Ohm RCA Male Precision Connector Crimp/
Solder Attachment for PE-B159
PE44583
PE44583 REV 1.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com