Electronic Components Datasheet Search
  English  ▼

X  

PE44583 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44583
Description  75 Ohm RCA Male Precision Connector Crimp - Solder Attachment for PE-B159
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44583 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44583 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44583 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44583 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
RCA Male
Connector Interface Type
PE-B159
Attachment Method (Shield/Contact)
Crimp/Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Impedance
75 Ohms
Mechanical Specifications
Size
Length
1.525 in [38.74 mm]
Width/Dia.
0.436 in [11.07 mm]
.
Weight
0.001 lbs [0.45 g]
Connector
Type
RCA Male
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/19/2011
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm RCA Male Precision Connector Crimp/Solder Attachment for PE-B159 PE44583
PE44583
PE44583 REV 1.1
75 Ohm RCA Male Precision Connector Crimp/
Solder Attachment for PE-B159


Similar Part No. - PE44583

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4458 PASTERNACK-PE4458 Datasheet
230Kb / 3P
TNC Female Connector Crimp - Solder Attachment For RG58
PE44580 PASTERNACK-PE44580 Datasheet
203Kb / 2P
75 Ohm RCA Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44581 PASTERNACK-PE44581 Datasheet
205Kb / 2P
75 Ohm BNC Male Right Angle Connector 75 Ohm BNC Male Right Angle Connector
PE44582 PASTERNACK-PE44582 Datasheet
373Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
More results

Similar Description - PE44583

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44572 PASTERNACK-PE44572 Datasheet
213Kb / 2P
75 Ohm F Male Precision Connector Compression Attachment For PE-B159
PE44586 PASTERNACK-PE44586 Datasheet
264Kb / 2P
75 Ohm RCA Female Bulkhead Precision Connector Crimp/ Solder Attachment For PE-B159, .480 inch D Hole
PE44574 PASTERNACK-PE44574 Datasheet
204Kb / 2P
75 Ohm RCA Male Precision Connector Compression Attachment For Mini 59, PE-B159
PE44575 PASTERNACK-PE44575 Datasheet
264Kb / 2P
75 Ohm RCA Male Precision Connector Compression Attachment For PE-B159, Gold Plated
PE44576 PASTERNACK-PE44576 Datasheet
216Kb / 2P
75 Ohm RCA Male Connector Compression Attachment For Mini 59, PE-B159
PE44622 PASTERNACK-PE44622 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp - Solder Attachment For Mini 59, PE-B159
PE44623 PASTERNACK-PE44623 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp - Solder Attachment For 1694A
PE44625 PASTERNACK-PE44625 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For Mini 59, PE-B159
PE44588 PASTERNACK-PE44588 Datasheet
264Kb / 2P
75 Ohm Mini SMB Plug Precision Connector Crimp/Solder Attachment For PE-B159
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com