Electronic Components Datasheet Search
  English  ▼

X  

BFR360F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFR360F
Description  Low noise amplifier for low current applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR360F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFR360F Datasheet HTML 1Page - Infineon Technologies AG BFR360F Datasheet HTML 2Page - Infineon Technologies AG BFR360F Datasheet HTML 3Page - Infineon Technologies AG BFR360F Datasheet HTML 4Page - Infineon Technologies AG BFR360F Datasheet HTML 5Page - Infineon Technologies AG BFR360F Datasheet HTML 6Page - Infineon Technologies AG BFR360F Datasheet HTML 7Page - Infineon Technologies AG BFR360F Datasheet HTML 8Page - Infineon Technologies AG BFR360F Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2013-11-06
1
BFR360F
3
1
2
Low Noise Silicon Bipolar RF Transistor
• Low noise amplifier for low current applications
• Collector design supports 5 V supply voltage
• For oscillators up to 3.5 GHz
• Low noise figure 1.0 dB at 1.8 GHz
• Pb-free (RoHS compliant) and halogen-free thin small
flat package with visible leads
• Qualification report according to AEC-Q101 available
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFR360F
FBs
1 = B
2 = E
3 = C
TSFP-3
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
6
V
Collector-emitter voltage
VCES
15
Collector-base voltage
VCBO
15
Emitter-base voltage
VEBO
2
Collector current
IC
35
mA
Base current
IB
4
Total power dissipation1)
TS ≤ 98°C
Ptot
210
mW
Junction temperature
TJ
150
°C
Storage temperature
TStg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
250
K/W
1TS is measured on the collector lead at the soldering point to the pcb
2For the definition of RthJS please refer to Application Note AN077 (Thermal Resistance Calculation)


Similar Part No. - BFR360F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR360F INFINEON-BFR360F Datasheet
140Kb / 8P
NPN Silicon RF Transistor
Jun-16-2003
BFR360F INFINEON-BFR360F Datasheet
553Kb / 11P
NPN Silicon RF Transistor
2010-05-20
BFR360F INFINEON-BFR360F_10 Datasheet
553Kb / 11P
NPN Silicon RF Transistor
2010-05-20
More results

Similar Description - BFR360F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3557 SANYO-2SK3557 Datasheet
34Kb / 4P
Low-Noise HF Amplifier Applications
logo
Toshiba Semiconductor
2SJ74 TOSHIBA-2SJ74_07 Datasheet
663Kb / 5P
Low Noise Audio Amplifier Applications
2SA970 TOSHIBA-2SA970_07 Datasheet
629Kb / 4P
Low Noise Audio Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA970 NJSEMI-2SA970 Datasheet
66Kb / 1P
LOW NOISE AUDIO AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA970-BL TOSHIBA-2SA970-BL Datasheet
267Kb / 4P
Low Noise Audio Amplifier Applications
2SK369-BL TOSHIBA-2SK369-BL Datasheet
358Kb / 5P
For Low Noise Audio Amplifier Applications
2SC2240-GR TOSHIBA-2SC2240-GR Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
2SK184-GR TOSHIBA-2SK184-GR Datasheet
320Kb / 4P
Low Noise Audio Amplifier Applications
2SK3320Y TOSHIBA-2SK3320Y Datasheet
312Kb / 5P
For Low Noise Audio Amplifier Applications
logo
Infineon Technologies A...
BGA125N6 INFINEON-BGA125N6 Datasheet
791Kb / 13P
Ultra Low Current Low Noise Amplifier for L2/L5 GNSS Applications
Revision 2.2 2022-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com