Electronic Components Datasheet Search
  English  ▼

X  

BFR360F Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFR360F
Description  Low noise amplifier for low current applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR360F Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFR360F Datasheet HTML 1Page - Infineon Technologies AG BFR360F Datasheet HTML 2Page - Infineon Technologies AG BFR360F Datasheet HTML 3Page - Infineon Technologies AG BFR360F Datasheet HTML 4Page - Infineon Technologies AG BFR360F Datasheet HTML 5Page - Infineon Technologies AG BFR360F Datasheet HTML 6Page - Infineon Technologies AG BFR360F Datasheet HTML 7Page - Infineon Technologies AG BFR360F Datasheet HTML 8Page - Infineon Technologies AG BFR360F Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2013-11-06
2
BFR360F
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
6
9
-
V
Collector-emitter cutoff current
VCE = 4 V, VBE = 0
VCE = 10 V, VBE = 0, TA = 85°C
Verified by random sampling
ICES
-
-
1
2
30
50
nA
Collector-base cutoff current
VCB = 4 V, IE = 0
ICBO
-
1
30
Emitter-base cutoff current
VEB = 1 V, IC = 0
IEBO
-
1
500
DC current gain
IC = 15 mA, VCE = 3 V, pulse measured
hFE
90
120
160
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com