Electronic Components Datasheet Search
  English  ▼

X  

ML4667 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4667
Description  Low Power 10BASE-FL Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4667 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4667 Datasheet HTML 1Page - Micro Linear Corporation ML4667 Datasheet HTML 2Page - Micro Linear Corporation ML4667 Datasheet HTML 3Page - Micro Linear Corporation ML4667 Datasheet HTML 4Page - Micro Linear Corporation ML4667 Datasheet HTML 5Page - Micro Linear Corporation ML4667 Datasheet HTML 6Page - Micro Linear Corporation ML4667 Datasheet HTML 7Page - Micro Linear Corporation ML4667 Datasheet HTML 8Page - Micro Linear Corporation ML4667 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ML4667
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Power Supply Voltage Range
VCC ..................................................... GND –0.3 to 6V
Input Voltage Range
Digital Inputs (SQEN, LMONIN, LBDIS)
.................................................. GND –0.3 to VCC +0.3
Tx+, Tx–, RxIN+, RxIN– ............ GND –0.3 to VCC +0.3
Input Current
RRSET, RTSET,
JAB, CLSN, XMT, RCV, LMON ...... 60mA
Output Current
TxOUT .............................................................. 120mA
Junction Temperature .............................................. 150
°C
Storage Temperature Range .................... –65
°C to +150°C
Lead Temperature (Soldering) .................................. 260
°C
Thermal Resistance (
θJA)...................................... 68°C /W
OPERATING CONDITIONS
Supply Voltage (VCC) ........................................... 5V ± 5%
LED on Current ....................................................... 10mA
RRSET .......................................................... 61.9k
Ω ± 1%
RTSET ............................................................. 162
Ω ± 1%
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = Operating Temperature Range, VCC = 5V ± 10% (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Power Supply Current ICC:VCC = 5V, RTSET = 162Ω (Note 2)
120
mA
While Transmitting
VOL
LED Drivers
IOL = 10mA (Note 3)
0.8
V
IOUT
Transmit Peak Output Current
RTSET = 162
Ω,
475260
mA
VCC = VCCTx = 5V ±5% (Note 4)
VSQ
Transmit Squelch Voltage Level
–300
–250
–200
mV
(Tx+, Tx–)
VINCM
Common mode Input Voltage
2
VCC – 0.5
V
(Tx
±, RxIN±)
VDO
Differential Output Voltage
±550
±1200
mV
(Rx
±, COL±)
VCM
Common Mode
4.0
V
Output Voltage (Rx
±, COL±)
VDOO
Differential Output
±40
mV
Voltage Imbalance (Rx
±, COL±)
VBIAS
BIAS Voltage
3.2
V
VSQE
SQE/JABD
SQE Test Disable
0.3
V
Both Disabled
1.5
VCC – 2
Both Enabled
VCC – 0.5
VLBTH
LBDIS Threshold
Disabled
VCC – 0.10
V
Enabled
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com