Electronic Components Datasheet Search
  English  ▼

X  

ML4667 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4667
Description  Low Power 10BASE-FL Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4667 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4667 Datasheet HTML 1Page - Micro Linear Corporation ML4667 Datasheet HTML 2Page - Micro Linear Corporation ML4667 Datasheet HTML 3Page - Micro Linear Corporation ML4667 Datasheet HTML 4Page - Micro Linear Corporation ML4667 Datasheet HTML 5Page - Micro Linear Corporation ML4667 Datasheet HTML 6Page - Micro Linear Corporation ML4667 Datasheet HTML 7Page - Micro Linear Corporation ML4667 Datasheet HTML 8Page - Micro Linear Corporation ML4667 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 1997
ML4667
Low Power 10BASE-FL Transceiver
GENERAL DESCRIPTION
The ML4667 is a low power high output current pin
compatible version of the industry standard ML4662. The
ML4667 10Base-FL transceiver combined with either the
ML4622 or ML4624 fiber optic quantizer provide all
functionality required to implement both an internal and
external IEEE 802.3 10Base-FL MAU interface that allows
it to be directly connected to industry standard
manchester encoder/decoder chips or and AUI cable.
The ML4667 provides a highly integrated solution that
requires a minimal number of external components. The
ML4667 is compliant to the IEEE 802.3 10Base-FL
standard. The transmitter offers a 100mA maximum
current driven output that directly drives a fiber optic LED
transmitter. Jabber, a 1MHz idle signal, and SQE Test are
fully integrated onto the chip.
The receiver accepts and ECL level input from the
ML4622 or ML4624 fiber optic quantizer. The 1MHz idle
signal is removed and the AUI output is activated when
the receive squelch criteria is exceeded. A Link Monitor
function is also provided for low light detection.
FEATURES
s
Combined with the ML4622 or ML4624, offers a
complete implementation of an 10Base-FL Medium
Attachment Unit (MAU)
s
Pin compatible with the ML4662 Transceiver
s
Incorporates an AU interface for use in an external
MAU or an internal MAU
s
100mA max LED output current drive
s
Single +5 volt supply
±10%
s
No crystal or clock required
s
On-chip Jabber, 1MHz idle, and SQE Test with enable/
disable option
s
Five network status LED outputs
BLOCK DIAGRAM
1
RECEIVE SQUELCH
FREQUENCY
LINE
RECEIVER
LED
DRIVERS
LOOPBACK
MUX
AUI
DRIVER
AUI
DRIVER
10MHz GATED
OSCILLATOR
SQE
1MHz
IDLE
SIGNAL
Tx
SQUELCH
AUI
RECEIVER
FIBER OPTIC
LED DRIVER
JABBER
SQEN/JABD
VCCTx
(+5V)
+5V
RTSET
NC/PEAK
TxOUT
LMONIN
RxIN+
RxIN–
BIAS
LMON
XMT
RCV
JAB
CLSN
LBDIS
RRSET
+5V
VCC
(+5V)
GND
Rx–
Rx+
COL–
COL+
Tx–
Tx+
Tx
Rx
10
11
2
3
6
7
21
8
13
23
1
28
16
15
24
27
25
26
22
18
19
17
4
12


Similar Part No. - ML4667

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4662CQ MICRO-LINEAR-ML4662CQ Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4663CQ MICRO-LINEAR-ML4663CQ Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
More results

Similar Description - ML4667

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4663 HP-HFBR-4663 Datasheet
233Kb / 15P
Single Chip 10BASE-FL Transceiver
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
10BASE-T Transceiver
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4665 MICRO-LINEAR-ML4665 Datasheet
245Kb / 13P
Low Cost Single Chip 10BASE-FL Transceiver
ML4668 MICRO-LINEAR-ML4668 Datasheet
196Kb / 14P
Low Power Single Chip 10BASE-FL Transceiver
logo
TDK Electronics
78Q2132 TDK-78Q2132 Datasheet
172Kb / 36P
1/10BASE-T HomePNA/Ethernet Transceiver
logo
Motorola, Inc
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
IEEE 802.3 10BASE-T TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPE6087AS PCA-EPE6087AS Datasheet
24Kb / 1P
10Base-T Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com