Electronic Components Datasheet Search
  English  ▼

X  

013 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 013
Description  Low starting threshold
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

013 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  013 Datasheet HTML 1Page - List of Unclassifed Manufacturers 013 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
013-023 Rev.12/2010
013 Wind Speed Sensor
023 Wind Direction Sensor
SPECIFICATIONS
013 Wind Speed Sensor (continued)
PhySICAl ChARACTERISTICS
Weight:
14 oz (.4 kg)
Finish:
Black anodized aluminum
CABlE & MOUNTING
PN 1805
Cable Assembly; specify length in feet or meters
Mounting:
PN 191 Crossarm Assembly
023 Wind Direction Sensor
PERFORMANCE ChARACTERISTICS
Electrical Range:
0° - 360°
Maximum Wind Speed:
150 mph (67 m/s)
Accuracy:
±10° standard
Optional ±5° order PN 023-0DEG
Delay Distance:
15 ft (4.5m)
Damping Ratio:
.3
Potentiometer Specifications
Sand, dust, fungus:
MIL-E-5272
Salt spray:
MIL-E-12934
Resistance Value:
10 K ohms
Operating Range:
-50°C to +70°C (-58°F to +158°F)
PhySICAl ChARACTERISTICS
Weight:
1.5 lbs (.68 kg)
Finish:
Black anodized aluminum
CABlE & MOUNTING
PN 1806
Cable Assembly; specify length in feet or meters
Mounting:
PN 191 Crossarm Assembly (contains orientation lock)
Specifications are subject to change at any time.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com