Electronic Components Datasheet Search
  English  ▼

X  

013 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 013
Description  Low starting threshold
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

013 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  013 Datasheet HTML 1Page - List of Unclassifed Manufacturers 013 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specialized Wind Sensors
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
013 Wind Speed Sensor
023 Wind Direction Sensor
The 013 Wind Speed Sensor and 023 Wind Direction Sensor have been specifically designed
to accurately and reliably measure wind velocity and direction under the most adverse
environmental conditions. They are particularly useful in remote, unattended monitoring
applications where they are likely to encounter high winds and/or heavy icing conditions. Only
the best corrosion resistant material, such as stainless steel and anodized aluminum, are used
in their production.
013 Wind Speed Sensor
• Low starting threshold
• Stainless steel ball bearings for greatest accuracy
and operating life
• Built-in ice skirt allowing operation with
a 2˝ (5.1 cm) ice load
• Robust aluminum cup assembly
• Sealed magnetic reed switch
023 Wind Direction Sensor
• Low starting threshold of 1.5 mph (.67 m/s)
• Unique “Mechanical Average System” reduces
sensor wear
• Built-in alignment and calibration fixture
• Built-in ice skirt allowing operation with
a 2˝ (5.1 cm) ice load
• Slotted shaft coupler for increased sensor life
FEATURES
013 Wind Speed Sensor
023 Wind Direction Sensor
SPECIFICATIONS
013 Wind Speed Sensor
PERFORMANCE ChARACTERISTICS
Range:
0 - 150 mph (67 m/s)
Starting Threshold:
1.0 mph (0.45 m/s)
Accuracy:
±0.25 mph (0.11 m/s) or 2%
Distance Constant:
Less than 15 ft (4.5 m)
Operating Range:
-50°C to +70°C (-58°F to +158°F)
Contact Rating:
10 mA maximum


Similar Part No. - 013

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
013-0010 MULTICOMP-013-0010 Datasheet
267Kb / 2P
Static Shielding Bag
16/08/22 V1.0
logo
TEKTRONIX, INC.
013-0309-XX TEKTRONIX-013-0309-XX Datasheet
1Mb / 8P
4 GHz Active Probe
013-0359-XX TEKTRONIX-013-0359-XX Datasheet
516Kb / 10P
P7600 Series TriMode??Probes
013-0362-XX TEKTRONIX-013-0362-XX Datasheet
803Kb / 4P
500 MHz Passive Probes
28 Jan 2016
013-0363-XX TEKTRONIX-013-0363-XX Datasheet
803Kb / 4P
500 MHz Passive Probes
28 Jan 2016
More results

Similar Description - 013

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59502A0120A020 EPCOS-B59502A0120A020 Datasheet
64Kb / 4P
Motor Starting
logo
List of Unclassifed Man...
010C ETC2-010C Datasheet
865Kb / 2P
Low starting threshold
logo
Diodes Incorporated
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
Low Gate Threshold Voltage
Rev 3
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
Low Gate Threshold Voltage
Rev 3
DMN24H11DS DIODES-DMN24H11DS Datasheet
395Kb / 6P
Low Gate Threshold Voltage
Rev 3
DMN1150UFL3 DIODES-DMN1150UFL3 Datasheet
661Kb / 7P
Low Gate Threshold Voltage
Rev 3
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
Low Gate Threshold Voltage
Rev 2
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
Low Gate Threshold Voltage
Rev 2
logo
Skyworks Solutions Inc.
SKY16602-632LF SKYWORKS-SKY16602-632LF Datasheet
1Mb / 11P
Low limiting threshold
logo
AVAGO TECHNOLOGIES LIMI...
TX299K AVAGO-TX299K Datasheet
141Kb / 1P
Low Threshold Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com