Electronic Components Datasheet Search
  English  ▼

X  

WS-201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS-201
Description  Maintain with a minimum of spare parts and tools
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS-201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS-201 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS-201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
WS-201 Rev.12/2010
WS-201 Wind Sensor System
SPECIFICATIONS
Wind Direction Sensor
PERFORMANCE CHARACTERISTICS
Range:
0° - 360°
Starting Threshold:
Less than 2 mph (0.9 m/s)
Accuracy:
±3.6°
Dead Band:
4° maximum
Distant Constant:
5 ft (1.5 m) maximum
Damping Ratio:
0.2 standard, 0.4 optional
ELECTRICAL CHARACTERISTICS
Potentiometer Resistance:
10 K ohms
Power Required:
0.5 mA at 5 VDC; voltage can be varied up to 25 VDC maximum
Signal Output:
DC voltage from wiper of potentiometer, level dependent upon input voltage
PHYSICAL CHARACTERISTICS
Vane Turning Radius:
12.75 in (32.4 cm)
Weight:
1.38 lbs (0.62 kg)
COMPLETE SYSTEM
Operating Temperature:
-40°C to +60°C (-40°F to +140°F)
Physical Characteristics
Length:
9.25 in (235 mm)
Diameter:
0.94 in (24 mm)
Weight:
12 lb (5.4 kg)
Model WS-201J Basic Wind System
SS-201-1
Wind Speed Sensor (with C-201 cup assembly)
SD-201-1
Wind Direction Sensor (with V-201 vane)
JB-201-A
Junction Box (with terminal block)
Sensors sold individually as:
SS-201-C
Wind Speed (with 1˝ NPT mounting pipe - PM201)
SD-201-C
Wind Direction (with 1˝ NPT mounting pipe - PM201)
Specifications are subject to change at any time.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com