Electronic Components Datasheet Search
  English  ▼

X  

WS-201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS-201
Description  Maintain with a minimum of spare parts and tools
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS-201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS-201 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS-201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specialized Wind Sensors
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
WS-201 Wind Sensor System
The WS-201 Wind Sensor System is designed to meet the need for a highly reliable,
robust system.
The electronic components in the wind speed sensor are conservatively rated and are
completely solid state. The wind direction sensor uses a high-reliability potentiometer
to sense the vane position.
• Extremely rugged
• Low power drain
• Corrosion resistant stainless steel and anodized
aluminum
• Design wind tunnel tested at over 200 mph (89.4 m/s)
• Installation on standard one-inch pipe thread
• Speed sensor output is variable frequency range,
impedance and power
• Maintain with a minimum of spare parts and tools
FEATURES
WS-201 Wind Sensor
SPECIFICATIONS
Wind Speed Sensor
PERFORMANCE CHARACTERISTICS
Range:
0 - 200 mph (0 - 90 m/s)
Starting Threshold:
Less than 2 mph (0.9 m/s)
Accuracy:
±1 mph (0.5 m/s) or 2%
Distant Constant:
15 ft (4.6 m) maximum
ELECTRICAL CHARACTERISTICS
Power Required:
6 mA max. at 10.5 to15.0 VDC
Signal Output:
6V p-p minimum, square wave into 600 ohms;
F(hz) ≈ 22 x wind speed (m/s) ≈ 10 x wind speed (mph)
PHYSICAL CHARACTERISTICS
Cup Turning Radius:
4.38 in (11.2 cm)
Weight:
0.75 lb (0.34 kg)


Similar Part No. - WS-201

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
WS-2.5 MULTICOMP-WS-2.5 Datasheet
129Kb / 1P
Terminal Block 2.5㎟
05/06/20 V1.0
logo
TE Connectivity Ltd
WS-25-001 TEC-WS-25-001 Datasheet
135Kb / 1P
WIRE SEAL, 25mm SEAL RANGE - 8.17mm-9.66mm 8mm CONTACT
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
WS Series Hot-Molded Carbon Composition Potentiometer
WS-2A-0.25-10K-16ZS-3-K SHARMA-WS-2A-0.25-10K-16ZS-3-K Datasheet
787Kb / 1P
WS Series Hot-Molded Carbon Composition Potentiometer
WS-2A-0.25-10K-16ZS-3-M SHARMA-WS-2A-0.25-10K-16ZS-3-M Datasheet
787Kb / 1P
WS Series Hot-Molded Carbon Composition Potentiometer
More results

Similar Description - WS-201

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL386 IKSEMICON-IL386 Datasheet
561Kb / 6P
Minimum External Parts
logo
OSRAM GmbH
2351MFX61W1 OSRAM-2351MFX61W1 Datasheet
132Kb / 4P
Original spare parts
2886X OSRAM-2886X Datasheet
127Kb / 4P
Original spare parts
3156 OSRAM-3156 Datasheet
127Kb / 4P
Original spare parts
64185W12VSV8 OSRAM-64185W12VSV8 Datasheet
124Kb / 4P
Original spare parts
6413621W12VB OSRAM-6413621W12VB Datasheet
122Kb / 4P
Original spare parts
6415055W12VP OSRAM-6415055W12VP Datasheet
132Kb / 4P
Original spare parts
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
Original spare parts
CLKH1EURO OSRAM-CLKH1EURO Datasheet
85Kb / 3P
Original spare parts
CLKH424V OSRAM-CLKH424V Datasheet
111Kb / 3P
Original spare parts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com