Electronic Components Datasheet Search
  English  ▼

X  

PE44587 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44587
Description  75 Ohm BNC Female Bulkhead Mount Precision Connector Crimp-Solder Attachment for PE-B159, 1855A, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44587 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44587 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44587 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44587 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
75 Ohm BNC Female Bulkhead Mount Precision Connector Crimp/Solder Attachment for PE-B159, 1855A, .480 inch D Hole
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Bulkhead Mount Precision Connector Crimp/Solder Attachment for PE-
B159, 1855A, .480 inch D Hole PE44587
URL: http://www.pasternack.com/bnc-female-standard-pe-b159-1855a-connector-pe44587-p.aspx
75 Ohm BNC Female Bulkhead Mount Precision Connector
Crimp/Solder Attachment for PE-B159, 1855A, .480 inch D Hole
PE44587
PE44587 REV 1.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com