Electronic Components Datasheet Search
  English  ▼

X  

PE44587 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44587
Description  75 Ohm BNC Female Bulkhead Mount Precision Connector Crimp-Solder Attachment for PE-B159, 1855A, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44587 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44587 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44587 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44587 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
BNC Female
Connector Interface Type
PE-B159, 1855A
Attachment Method (Shield/Contact)
Crimp/Solder
Connector Design
Precision
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance
75 Ohms
Mechanical Specifications
Size
Length
1.302 in [33.07 mm]
Width/Dia.
0.56 in [14.22 mm]
.
Weight
0.002 lbs [0.91 g]
Connector
Type
BNC Female
Contact Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
HDPE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/19/2011
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Bulkhead Mount Precision Connector Crimp/Solder Attachment for PE-
B159, 1855A, .480 inch D Hole PE44587
PE44587
PE44587 REV 1.1
75 Ohm BNC Female Bulkhead Mount Precision Connector
Crimp/Solder Attachment for PE-B159, 1855A, .480 inch D Hole


Similar Part No. - PE44587

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4458 PASTERNACK-PE4458 Datasheet
230Kb / 3P
TNC Female Connector Crimp - Solder Attachment For RG58
PE44580 PASTERNACK-PE44580 Datasheet
203Kb / 2P
75 Ohm RCA Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44581 PASTERNACK-PE44581 Datasheet
205Kb / 2P
75 Ohm BNC Male Right Angle Connector 75 Ohm BNC Male Right Angle Connector
PE44582 PASTERNACK-PE44582 Datasheet
373Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
PE44583 PASTERNACK-PE44583 Datasheet
395Kb / 3P
75 Ohm RCA Male Precision Connector Crimp - Solder Attachment for PE-B159
More results

Similar Description - PE44587

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4637 PASTERNACK-PE4637 Datasheet
288Kb / 3P
75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG59, .480 inch D Hole
PE4642 PASTERNACK-PE4642 Datasheet
212Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp/ Solder Attachment For PE-B305, .480 inch D Hole
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44586 PASTERNACK-PE44586 Datasheet
264Kb / 2P
75 Ohm RCA Female Bulkhead Precision Connector Crimp/ Solder Attachment For PE-B159, .480 inch D Hole
PE4638 PASTERNACK-PE4638 Datasheet
217Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG59, .480 inch D Hole
PE4640 PASTERNACK-PE4640 Datasheet
322Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG179, RG187, .480 inch D Hole
PE4641 PASTERNACK-PE4641 Datasheet
218Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For PE-B150, .480 inch D Hole
PE44687 PASTERNACK-PE44687 Datasheet
284Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For 735A, .480 inch D Hole
PE44585 PASTERNACK-PE44585 Datasheet
393Kb / 3P
75 Ohm F Female Bulkhead Mount Precision Connector Crimp/Solder Attachment for PE-B159, .480 inch D Hole
PE44582 PASTERNACK-PE44582 Datasheet
373Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com