Electronic Components Datasheet Search
  English  ▼

X  

ML4866 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4866
Description  3.3V Output DC-DC Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4866 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4866 Datasheet HTML 1Page - Micro Linear Corporation ML4866 Datasheet HTML 2Page - Micro Linear Corporation ML4866 Datasheet HTML 3Page - Micro Linear Corporation ML4866 Datasheet HTML 4Page - Micro Linear Corporation ML4866 Datasheet HTML 5Page - Micro Linear Corporation ML4866 Datasheet HTML 6Page - Micro Linear Corporation ML4866 Datasheet HTML 7Page - Micro Linear Corporation ML4866 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ML4866
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VIN ................................................................................................... 7V
Voltage on any other pin ......... GND - 0.3V to VIN + 0.3V
Peak Switch Current (IPEAK) ......................................... 2A
Average Switch Current (IAVG) ..................................... 1A
Junction Temperature .............................................. 150ºC
Storage Temperature Range ....................... -65ºC to 150ºC
Lead Temperature (Soldering 10 Sec.) ..................... 260ºC
Thermal Resistance (
qJA) .................................... 160ºC/W
OPERATING CONDITIONS
Temperature Range
ML4866CS ................................................. 0ºC to 70ºC
ML4866ES .............................................. -20ºC to 70ºC
ML4866IS ............................................... -40ºC to 85ºC
VIN Operating Range ...................................3.5V to 6.5V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = 5V, L = 50µH, COUT = 100µF, RCOMP = 390kW, CCOMP = 15nF,
TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
VREF
Output Voltage
0 < I(VREF) < –5µA, IOUT = 0mA
1.22
1.25
1.27
V
PWM REGULATOR
fOSC
Oscillator Initial Accuracy
IOUT = 200mA, TA = 25°C
100
115
165
kHz
Oscillator Total Variation
Line and Temp
90
130
185
kHz
Soft Start VIN to VOUT Delay
3
5
ms
BURST Burst Mode Threshold
250
400
mV
BURST PWM Mode Threshold
500
850
mV
BURST Bias Current
35
µA
Output Voltage
IOUT = 200mA
3.2
3.3
3.4
V
IOUT = 20mA, BURST = 0V
3.28
3.38
3.48
V
Line Regulation
VIN = 4V to 6.5V, TA = 25°C
±2
%
Load Regulation
IOUT = 100mA to 500mA,
±2.5
%
TA = 25°C
IOUT = 5mA to 100mA,
±2.5
%
BURST = 0V, TA = 25°C
Temperature Stability
TA = -40°C to 85°C
±1
%
Total Variation
Line, Load, Temp
±5
%
SHUTDOWN
UVLO Startup Threshold
3.2
3.5
V
UVLO Shutdown Threshold
2.9
3.1
V
SHDN Threshold
2V
SHDN Bias Current
–5
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com