Electronic Components Datasheet Search
  English  ▼

X  

ML4866 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4866
Description  3.3V Output DC-DC Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4866 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4866 Datasheet HTML 1Page - Micro Linear Corporation ML4866 Datasheet HTML 2Page - Micro Linear Corporation ML4866 Datasheet HTML 3Page - Micro Linear Corporation ML4866 Datasheet HTML 4Page - Micro Linear Corporation ML4866 Datasheet HTML 5Page - Micro Linear Corporation ML4866 Datasheet HTML 6Page - Micro Linear Corporation ML4866 Datasheet HTML 7Page - Micro Linear Corporation ML4866 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 2000
ML4866*
3.3V Output DC–DC Step-Down Converter
1
GENERAL DESCRIPTION
The ML4866 is a high efficiency pulse width modulated
(PWM) buck regulator designed for use in 5V systems or
portable equipment that need a compact, efficienct 3.3V
supply. It has a switching frequency of 120kHz and uses
synchronous rectification to optimize power conversion
efficiency. Unlike other solutions, the ML4866 requires no
external diodes or FETs.
The ML4866 can provide up to 500mA of output current,
and operates over an input voltage range of 3.5V to 6.5V
(3 to 4 cells or a 5 VDC supply). A complete switched
mode power converter can be quickly and easily
implemented with few external components. Thanks to a
built-in autoburst mode, power conversion efficiency of
this DC–DC converter can exceed 90% over more than 2
decades of output load current.
Stability and fast loop response are provided by current
programming and a current sense circuit. The ML4866
also has a SHDN pin for use in systems which have power
management control. Undervoltage lockout and soft start
are also built in.
BLOCK DIAGRAM
FEATURES
s
High power conversion efficiency over 2 decades of
load current
s
No external FETs or diodes; minimum external
components
s
3.5V to 6.5V input voltage range
s
Significantly extends battery life over linear regulator
based solutions
s
Micropower operation
s
Low shutdown mode quiescent current
VREF
VIN
5
SHDN
6
VREF
3
BURST
4
COMP
2
GND
8
VOUT
1
VL
7
–
+
REFERENCE
UVLO/
SHUTDOWN
CURRENT
SENSE
–
+
ERROR
AMPLIFIER
BUCK
CONTROL
OSC
SLOPE
COMPENSATION
BURST
(* Indicates Part is End Of Life as of July 1, 2000)


Similar Part No. - ML4866

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861CS-3 MICRO-LINEAR-ML4861CS-3 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861CS-5 MICRO-LINEAR-ML4861CS-5 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861CS-6 MICRO-LINEAR-ML4861CS-6 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861ES-3 MICRO-LINEAR-ML4861ES-3 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
More results

Similar Description - ML4866

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
Step-down DC/DC converter
logo
Linear Technology
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240-3.3 LINER-LTC3240-3.3_15 Datasheet
213Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Texas Instruments
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
Step-Down DC-DC Converter
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
Four-Output Synchronous Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
Step-Down DC-DC Converter
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com