Electronic Components Datasheet Search
  English  ▼

X  

ML4870 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4870
Description  High Current Boost Regulator with Load Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4870 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4870 Datasheet HTML 1Page - Micro Linear Corporation ML4870 Datasheet HTML 2Page - Micro Linear Corporation ML4870 Datasheet HTML 3Page - Micro Linear Corporation ML4870 Datasheet HTML 4Page - Micro Linear Corporation ML4870 Datasheet HTML 5Page - Micro Linear Corporation ML4870 Datasheet HTML 6Page - Micro Linear Corporation ML4870 Datasheet HTML 7Page - Micro Linear Corporation ML4870 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ML4870
4
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
IL
VL2
IL(MAX)
ISET
VOUT
0
0
VL2
5
VOUT
6
+
–
SHUTDOWN
CONTROL
4
SHDN
VIN
IL
2
2.4V
START-UP
3
GND
VL1
1
SYNCHRONOUS
RECTIFIER
CONTROL
BOOST
CONTROL
SHDN
+
–
+
–
8
PWR GND
A1
A2
A3
Q1
Q2
Q3
VOUT
RSENSE
Figure 1. Application Test Circuit
Figure 3. Inductor Current and Voltage Waveforms
Figure 2. PFM Regulator Block Diagram
ML4870
IOUT
100µF
100µF
VIN
27µH
(SUMIDA CD75)
VL1
VIN
GND
SHDN
PWR GND
NC
VL2
VOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com