Electronic Components Datasheet Search
  English  ▼

X  

ML4870 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4870
Description  High Current Boost Regulator with Load Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4870 Datasheet(HTML) 8 Page - Micro Linear Corporation

  ML4870 Datasheet HTML 1Page - Micro Linear Corporation ML4870 Datasheet HTML 2Page - Micro Linear Corporation ML4870 Datasheet HTML 3Page - Micro Linear Corporation ML4870 Datasheet HTML 4Page - Micro Linear Corporation ML4870 Datasheet HTML 5Page - Micro Linear Corporation ML4870 Datasheet HTML 6Page - Micro Linear Corporation ML4870 Datasheet HTML 7Page - Micro Linear Corporation ML4870 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ML4870
8
© Micro Linear 1997.
is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862;
5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427;
5,663,874; 5,672,959; 5,689,167. Japan: 2,598,946; 2,619,299; 2,704,176. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any
liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights
of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as
to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any
application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application.
11/24/97 Printed in U.S.A.
PHYSICAL DIMENSIONS inches (millimeters)
ORDERING INFORMATION
PART NUMBER
OUTPUT VOLTAGE
TEMPERATURE RANGE
PACKAGE
ML4870CS-3
3.3V
0°C to 70°C
8-Pin SOIC (S08)
ML4870CS-5
5V
0°C to 70°C
8-Pin SOIC (S08)
ML4870ES-3 (Obsolete)
3.3V
-20°C to 70°C
8-Pin SOIC (S08)
ML4870ES-5(Obsolete)
5V
-20°C to 70°C
8-Pin SOIC (S08)
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com
SEATING PLANE
0.148 - 0.158
(3.76 - 4.01)
PIN 1 ID
0.228 - 0.244
(5.79 - 6.20)
0.189 - 0.199
(4.80 - 5.06)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.015 - 0.035
(0.38 - 0.89)
0.059 - 0.069
(1.49 - 1.75)
0.004 - 0.010
(0.10 - 0.26)
0.055 - 0.061
(1.40 - 1.55)
8
0.006 - 0.010
(0.15 - 0.26)
0º - 8º
1
0.017 - 0.027
(0.43 - 0.69)
(4 PLACES)
Package: S08
8-Pin SOIC
DS4870-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com