Electronic Components Datasheet Search
  English  ▼

X  

ML4876 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4876
Description  LCD Backlight Lamp Driver with Contrast
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4876 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4876 Datasheet HTML 1Page - Micro Linear Corporation ML4876 Datasheet HTML 2Page - Micro Linear Corporation ML4876 Datasheet HTML 3Page - Micro Linear Corporation ML4876 Datasheet HTML 4Page - Micro Linear Corporation ML4876 Datasheet HTML 5Page - Micro Linear Corporation ML4876 Datasheet HTML 6Page - Micro Linear Corporation ML4876 Datasheet HTML 7Page - Micro Linear Corporation ML4876 Datasheet HTML 8Page - Micro Linear Corporation ML4876 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ML4876
5
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
VDD Supply Current (No Load)
On/Off = 3V, LON = 3V
0.45
0.6
mA
VDD Supply Current
On/Off = 3V, LON = 0V
200
350
µA
VDD Supply Current
On/Off = “0”, HVDD = 12V
10
µA
VREF Output Voltage
TA = 25°C
2.47
2.5
2.53
V
VREF Load Regulation
IVREF = 25µA
10
20
mV
VREF Line Regulation
20
30
mV
VREF Line, Load, Temp
2.465
2.5
2.535
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2: Actual load is 1200pF. The 2:1 transformer reflects an effective 2400pF.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com