Electronic Components Datasheet Search
  English  ▼

X  

ML4876 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4876
Description  LCD Backlight Lamp Driver with Contrast
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4876 Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4876 Datasheet HTML 1Page - Micro Linear Corporation ML4876 Datasheet HTML 2Page - Micro Linear Corporation ML4876 Datasheet HTML 3Page - Micro Linear Corporation ML4876 Datasheet HTML 4Page - Micro Linear Corporation ML4876 Datasheet HTML 5Page - Micro Linear Corporation ML4876 Datasheet HTML 6Page - Micro Linear Corporation ML4876 Datasheet HTML 7Page - Micro Linear Corporation ML4876 Datasheet HTML 8Page - Micro Linear Corporation ML4876 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ML4876
6
R3
100k
Ω
C11
0.1
µF
R2
1.6M
Ω
D1
T3
INPUT 5V to 18V
R12
+
C1
22
µF
25V
CONTRAST
VOLTAGE
–20V MAX.
(ADJUSTABLE)
C2
22
µF
25V
C3
1.0
µF
Q1
Q2
R1
750k
Ω
5V REF
1N5817
+
+
C4
10
µF
16V
C9
0
.1µF
D2
1N4148
U2-A
U2-B
C8, 0.1
µF
Q3
ML4876
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
R4
200k
Ω
C5
0.47
µF
R5
200k
Ω
CONTRAST
ADJUST
LON
ON/OFF
C7
47pF
C6
47
µF
BRIGHTNESS
ADJUST
R7
1.6M
Ω
R6
200k
Ω
R8
4.3k
Ω
R16
Q4
Q5
C10
39pF
1kV
C12, 0.1
µF
T1
L1
NOTE 1
R1, D3, Q2 ARE OPTIONAL AND ALLOWS A BATTERY
VOLTAGE RANGE FROM 7V TO 28V. REMOVING THESE
COMPONENTS AND CONNECTING DIRECTLY TO THE
INPUT VOLTAGE ALLOWS 5.0 TO 18V.
D3
10V
T2
NOTE 1
Figure 1. ML4876 Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com