Electronic Components Datasheet Search
  English  ▼

X  

BYC5 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BYC5
Description  ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BYC5 Datasheet(HTML) 2 Page - Unisonic Technologies

  BYC5 Datasheet HTML 1Page - Unisonic Technologies BYC5 Datasheet HTML 2Page - Unisonic Technologies BYC5 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYC5
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-024.d
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
600
V
Crest Working Reverse Voltage
VRWM
600
V
Continuous Reverse Voltage
TTab ≤ 110°C
VR
500
V
Average Forward Current
δ =0.5; with reapplied VRRM(max);
TTab ≤89°C
IF(AV)
5
A
Repetitive Peak Forward
Current
δ =0.5; with reapplied VRRM(max);
TTab ≤ 89°C
IFRM
10
A
Non-Repetitive Peak Forward
Current
t = 10ms
IFSM
40
A
t = 8.3ms
sinusoidal; TJ =150°C prior to
surge with reapplied VRWM(max)
44
A
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220-2
θJA
60
°C/W
TO-252
80
°C/W
Junction to Case
TO-220-2
θJC
2.5
°C/W
TO-252
3.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Forward Voltage
VF
IF =5A, TJ =150°C
1.4 1.75
V
IF =10A, TJ =150°C
1.75 2.2
V
IF =5A
2.0
2.9
V
Reverse Current
IR
VR=600V
9
100
µA
VR=500V, TJ=100°C
0.9
3.0
mA
Reverse Recovery Time
tRR
IF =1A, VR=30V, dIF/dt=50A/μs
30
50
ns
IF=5A, VR=400V,
dIF/dt=500A/μs
19
ns
TJ=100°C
25
30
ns
Peak Reverse Recovery
Current
IRRM
IF=5A, VR=400V, TJ=125°C
dIF/dt=50A/μs
0.7
3
A
dIF/dt=500A/μs
8
11
A
Forward Recovery Voltage
VFR
IF =10A, dIF/dt=100A/μs
9
11
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com