Electronic Components Datasheet Search
  English  ▼

X  

BYC5 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BYC5
Description  ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BYC5 Datasheet(HTML) 3 Page - Unisonic Technologies

  BYC5 Datasheet HTML 1Page - Unisonic Technologies BYC5 Datasheet HTML 2Page - Unisonic Technologies BYC5 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BYC5
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R601-024.d
TYPICAL CHARACTERISTICS
ID
VO=400V d.c.
Output Diode
IL
150uH typ
500V MOSFET
VIN
Fig.1. Typical application, output rectifier in boost
converter power factor correction circuit. Continuous
conduction mode, where the transistor turns on
whilst forward current is still flowing in the diode.
VIN=400V d.c.
VIN
IR IF
IL
Inductive load
Fig.2. Typical application, freewheeling diode in half
bridge converter. Continuous conduction mode, where
each transistor turns on whilst forward current is still
flowing in the other bridge leg diode.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com