Electronic Components Datasheet Search
  English  ▼

X  

ML4894 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4894
Description  Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4894 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4894 Datasheet HTML 1Page - Micro Linear Corporation ML4894 Datasheet HTML 2Page - Micro Linear Corporation ML4894 Datasheet HTML 3Page - Micro Linear Corporation ML4894 Datasheet HTML 4Page - Micro Linear Corporation ML4894 Datasheet HTML 5Page - Micro Linear Corporation ML4894 Datasheet HTML 6Page - Micro Linear Corporation ML4894 Datasheet HTML 7Page - Micro Linear Corporation ML4894 Datasheet HTML 8Page - Micro Linear Corporation ML4894 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ML4894
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN# NAME
FUNCTION
1VREG
Connection point for internal linear
regulator bypass capacitor
2VFB
Voltage feedback pin for regulating
the 5V output
3ISENSE
Current sense input
4
SHDN
a logic low on this pin shuts down the
regulator and all internal bias
circuitry for minimum power
consumption
ML4894
8-Pin SOIC (S08)
PIN# NAME
FUNCTION
5
GND
Analog signal ground
6
N DRV
NMOS driver output
7
P DRV
PMOS driver output
8VIN
Battery input voltage
1
2
3
4
8
7
6
5
VREG
VFB
ISENSE
SHDN
VIN
P DRV
N DRV
GND
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com