Electronic Components Datasheet Search
  English  ▼

X  

ML4894 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4894
Description  Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4894 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4894 Datasheet HTML 2Page - Micro Linear Corporation ML4894 Datasheet HTML 3Page - Micro Linear Corporation ML4894 Datasheet HTML 4Page - Micro Linear Corporation ML4894 Datasheet HTML 5Page - Micro Linear Corporation ML4894 Datasheet HTML 6Page - Micro Linear Corporation ML4894 Datasheet HTML 7Page - Micro Linear Corporation ML4894 Datasheet HTML 8Page - Micro Linear Corporation ML4894 Datasheet HTML 9Page - Micro Linear Corporation ML4894 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ML4894
6
Q (ONE SHOT)
INDUCTOR CURRENT (IL)
VSR
tON
VC
Figure 4. One Shot and Synchronous Rectifier Timing
DESIGN CONSIDERATIONS
A typical design can be implemented by using the
following design procedure. Note that this procedure is
not intended to give final values, but to give a good
starting point, and provide the relationships necessary to
make trade-off decisions. Some experimentation will be
necessary to optimize values and to verify that the design
operates over worst case conditions.
DESIGN SPECIFICATIONS
It is important to start with a clear definition of the design
specifications. Make sure the specifications reflect worst
case conditions. Key specifications include the minimum
and maximum input voltage and the output voltage and
load current.
INDUCTOR AND SENSE RESISTOR SELECTION
Figure 5 shows the inductor current of the buck regulator.
The inductor current is made up of two components: the
DC current level set by the transconductance amplifier,
ISENSE, and the inductor ripple current, ∆IL. The figure also
shows that IOUT is the summation of ISENSE and ½∆IL.
II
I
V
R
TV
V
L
OUT
SENSE
L
SENSE
SENSE
ON
IN
=+
=
+
×−
×
1
2
5
2
bg
(3)
Therefore, the selection of the inductance value
determines how much of the output current is made up of
the ripple current. Higher inductor ripple current allows
smaller inductor values, but results in higher peak
currents, lower efficiency, and higher output voltage
ripple.
Inductor ripple currents in the range of 30% to 70% of the
maximum output current are typical. As a good starting
point, set the inductor ripple current to 50% of the
maximum output current:
∆I
TV
V
L
FI
L
ON
IN
IRC
OUT MAX
=
×−
=×
5
bg
()
(4)
where FIRC = ratio of inductor ripple current to the
maximum output current, or:
L
TV
V
I
ON
IN
OU T M A X
=
×−
×
5
05
bg
.
()
(5)
Calculate the inductance using the volt-seconds value
given in Figure 3 at the maximum input voltage. Choose
the nearest standard value, realizing the trade-offs
mentioned before. Then, using the inductance value
chosen, determine the actual inductor ripple current at
the maximum and minimum input voltage using Equation
4 and Figure 3.
The sense resistor value can be determined using the
inductor ripple current value calculated above and
Equation 3 rearranged as follows:
R
V
II
SENSE
SENSE MIN
OUT MAX
L MIN
=
−
()
()
(
)
1
2
∆
(6)
Having determined the values for the inductor and sense
resistor, we can now specify the inductor peak current
rating. This value is calculated at current limit and at the
maximum input voltage, and is given by:
II
I
L PEAK MAX
SENSE MAX
L MAX
(
(
))
()
()
=+ ∆
(7)
I
V
R
I
LPEAK MAX
SENSE MAX
SENSE
LMAX
af
ch
af
af
=+∆
I
V
R
I
LPEAK MAX
SENSE
LMAX
af
ch
af
=+
01
.
∆



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com