Electronic Components Datasheet Search
  English  ▼

X  

ML4895 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4895
Description  Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4895 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4895 Datasheet HTML 2Page - Micro Linear Corporation ML4895 Datasheet HTML 3Page - Micro Linear Corporation ML4895 Datasheet HTML 4Page - Micro Linear Corporation ML4895 Datasheet HTML 5Page - Micro Linear Corporation ML4895 Datasheet HTML 6Page - Micro Linear Corporation ML4895 Datasheet HTML 7Page - Micro Linear Corporation ML4895 Datasheet HTML 8Page - Micro Linear Corporation ML4895 Datasheet HTML 9Page - Micro Linear Corporation ML4895 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ML4895
8
DESIGN CONSIDERATIONS (cont.)
INPUT CAPACITOR SELECTION
The choice of the input capacitor is based on its ripple
current and voltage ratings rather than its capacitance
value. The input capacitor should be a low ESR type and
located as close to the source of the P-MOS switch as
possible. The input capacitor’s ripple current is
determined by the load current and input voltage, with
the worst case condition occurring at VIN = 2 x VOUT:
II
I
VV
V
V
RMS C
SENSE MAX
L MAX
OUT
IN
OUT
IN
IN
(
)
()
()
()
≈+
×
×−
1
2
∆
bg
The capacitor’s voltage rating is based on the maximum
input voltage, VIN(MAX). Capacitor manufacturers typically
recommend derating the capacitor voltage rating by 20%
to 50% for aluminum electrolytic types and 50% to 70%
for tantalum types.
In high current applications it may necessary to add a
small 0.1
µF ceramic capacitor to bypass VIN (pin 8) of the
ML4895.
OUTPUT CAPACITOR SELECTION
The output capacitors determine the loop stability and the
output ripple voltage. Use only low ESR capacitors
intended for switching power supply applications, such as
AVX TPS, Sprague 593D, Sanyo OS-CON, or Nichicon PL
series. To ensure stability, the minimum capacitance value
is given by:
C
V
T
R
OUT
OUT
ON MAX
SENSE
≥×
43
.
()
(14)
The maximum ESR value can be estimated using:
ESR
V
I
OUT
LMAX
≤
∆
∆
()
(15)
The selected capacitor must meet both the capacitance
and ESR requirements. As a final check, make sure the
output capacitor can handle the ripple current, IRMS:
I
I
RMS
LMAX
≈
∆
()
12
(16)
OUTPUT VOLTAGE
The output of the buck converter is adjustable and can be
set to any voltage between 2.5V and 4V by connecting a
resistor divider to the feedback pin as shown in Figure 1.
The resistor values R1 and R2 can be calculated using the
following equation:
VV
RR2
R2
OUT =×
+
250
1
.
(17)
The value of R2 should be 475k
Ω or less to minimize bias
current errors.
It is important to note that the accuracy of these resistors
directly affects the accuracy of the output. Use precision
resistors and set the nominal voltage approximately 1% to
2% high in order to make up for the load regulation. This
offset results in the best overall output accuracy over line
and load.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com