Electronic Components Datasheet Search
  English  ▼

X  

ML4895 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4895
Description  Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4895 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4895 Datasheet HTML 2Page - Micro Linear Corporation ML4895 Datasheet HTML 3Page - Micro Linear Corporation ML4895 Datasheet HTML 4Page - Micro Linear Corporation ML4895 Datasheet HTML 5Page - Micro Linear Corporation ML4895 Datasheet HTML 6Page - Micro Linear Corporation ML4895 Datasheet HTML 7Page - Micro Linear Corporation ML4895 Datasheet HTML 8Page - Micro Linear Corporation ML4895 Datasheet HTML 9Page - Micro Linear Corporation ML4895 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ML4895
9
LAYOUT
A typical application circuit is shown in Figure 6.
Proximity of passive devices and adequate power and
ground planes are critical for reliable operation of the
circuit. In general, use the top layer for the high current
connections and the bottom layer for the quiet
connections such as GND, feedback and current sense.
Some more specific guidelines follow.
1. The connection from the current sense resistor to the
ISENSE pin should be made by a separate trace and
located as close to the lead of the resistor as possible.
The trace length from the sense resistor to the ML4895
should be kept as short as possible and away from
switching components and their traces.
2. The trace lengths from the buck regulator’s input
capacitor to the switching MOSFET, from the MOSFETs
to the inductor, from the synchronous rectifier MOSFET
to the sense resistor, and from the inductor to the
output capacitor should all be as short as possible.
3. The high current ground paths need to be kept separate
from the signal ground paths. The GND connection
should be made at a single-point star ground. It is very
important that the ground for the ML4895 ground pin
(pin 5) be made using a separate trace.
VOUT
3.3V
+
–
VIN
C1
22
µF
C2
22
µF
C3
22
µF
C4
1
µF
Q1
IRF7406
Q2
IRF7403
L1
20
µH
R1
25m
Ω
C5
10nF
R2
154k
Ω
R3
453k
Ω
C6
100
µF
C7
100
µF
C8
100
µF
VIN
P DRV
N DRV
GND
ML4895
VREG
VFB
ISENSE
SHDN
1
2
3
4
8
7
6
5
Figure 6. 3.3V, 3A DC/DC Converter Circuit
4. Concentrating on keeping the current sense and high
current connections short as well as keeping the
switching components and traces away from the
sensitive analog components and traces during layout
will eliminate the majority of problems created by a
poor layout.
5. The VREG and bypass capacitor needs to be located
close to the ML4895 for adequate filtering of the IC’s
internal bias voltage.
6. Remote sensing the output for improved load
regulation can be implemented with the ML4895. The
output can be remote sensed by using the top of the
external resistor divider as the remote sense point.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com