Electronic Components Datasheet Search
  English  ▼

X  

ML6420 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6420
Description  Triple/Dual Phase-Equalized, Low-Pass Video Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6420 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6420 Datasheet HTML 1Page - Micro Linear Corporation ML6420 Datasheet HTML 2Page - Micro Linear Corporation ML6420 Datasheet HTML 3Page - Micro Linear Corporation ML6420 Datasheet HTML 4Page - Micro Linear Corporation ML6420 Datasheet HTML 5Page - Micro Linear Corporation ML6420 Datasheet HTML 6Page - Micro Linear Corporation ML6420 Datasheet HTML 7Page - Micro Linear Corporation ML6420 Datasheet HTML 8Page - Micro Linear Corporation ML6420 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ML6420
4
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL (Continued)
Output Current
RL = 0 (short circuit)
75
mA
CL
Load Capacitance
35
pF
Composite
ML6420 (–1 to –4)
fC = 5.5MHz
±10
ns
Chroma/Luma
fC = 8.0MHz
±8
ns
Delay At 3.58
ML6420 (–5 to –7)
fC = 5.5MHz
±15
ns
& 4.43MHz
fC = 9.3MHz
±8
ns
3.0/3.3MHZ FILTER – ML6420
Bandwidth (monotonic passband)
–3dB (3.0MHz)
2.7
3.0
3.3
MHz
–3dB (3.3MHz)
3.0
3.3
3.6
MHz
Stopband Attenuation
fIN = 9.82MHz (3.0MHz)
30
33
dB
fIN = 9.82MHz (3.3MHz)
35
40
dB
fIN = 60MHz
43
50
dB
Output Noise
BW = 30MHz
490
µVRMS
Group Delay
225
ns
5.50MHZ FILTER – ML6420-1
Bandwidth (monotonic passband)
–3dB
4.95
5.50
6.05
MHz
Stopband Attenuation
fIN = 10MHz
16
18
dB
fIN = 50MHz
40
45
dB
Output Noise
BW = 30MHz
700
µVRMS
Group Delay
145
ns
8.0MHZ FILTER – ML6420
Bandwidth (monotonic passband)
–3dB
7.2
8.0
8.8
MHz
Stopband Attenuation
fIN = 17MHz
20
25
dB
fIN = 85MHz
40
42
Output Noise
BW = 30MHz
700
µVRMS
Group Delay
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com