Electronic Components Datasheet Search
  English  ▼

X  

ML6420 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6420
Description  Triple/Dual Phase-Equalized, Low-Pass Video Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6420 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6420 Datasheet HTML 1Page - Micro Linear Corporation ML6420 Datasheet HTML 2Page - Micro Linear Corporation ML6420 Datasheet HTML 3Page - Micro Linear Corporation ML6420 Datasheet HTML 4Page - Micro Linear Corporation ML6420 Datasheet HTML 5Page - Micro Linear Corporation ML6420 Datasheet HTML 6Page - Micro Linear Corporation ML6420 Datasheet HTML 7Page - Micro Linear Corporation ML6420 Datasheet HTML 8Page - Micro Linear Corporation ML6420 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
September 1999
PRELIMINARY
ML6420*
Triple/Dual Phase-Equalized, Low-Pass Video Filter
1
GENERAL DESCRIPTION
The ML6420 monolithic BiCMOS 6th-order filters provide
fixed frequency low pass filtering for video applications.
These triple output phase-equalized filters are designed for
input anti-aliasing filtering.
Cut-off frequencies are either 3.0, 5.5, 8.0, or 9.3MHz.
Each channel incorporates a 6th-order low-pass filter, a
first order all-pass filter, and a 75W coax cable driver. A
control pin (Range) is provided to allow the inputs to
swing to ground by providing a 0.5V offset to
the input.
The filters are powered from a single 5V supply, and can
drive 1VP-P over 75W (0.5V to 1.5V), or 2VP-P over 150W
(0.5V to 2.5V).
ML 6420 BLOCK DIAGRAM
FEATURES
s
3.0, 5.5, 8.0, or 9.3 MHz bandwidth
s
1X or 2X gain
s
6th-order filter with equalizer
s
>40dB stopband rejection
s
No external components or clocks
s
±10% maximum frequency accuracy over supply
and temperature
s
<2% differential gain, <2° differential phase
s
<25ns group delay variation
s
Drives 1VP-P into 75W, or 2VP-P into 150W
s
5V ±10% operation
s
ML6420 available with 6dB gain
* Some Packages Are End Of Life
1X GAIN
2X GAIN
ML6420-1
ML6420-3
ML6420-4
ML6420-5
ML6420-7
FILTER A
5.5MHZ
8.0MHZ
8.0MHZ
5.5MHZ
9.3MHZ
FILTER B
5.5MHZ
8.0MHZ
3.0MHZ
2.5MHZ
9.3MHZ
FILTER C
5.5MHZ
8.0MHZ
3.0MHZ
2.5MHZ
9.3MHZ
Triple Input/Anti-aliasing Video Filter
15
5
6
4
BUF
1X/2X
BUF
ALL PASS
A
VINA
10 VOUTA
3k
1k
3.33K
16
1
BUF
ALL PASS
B
VINB
9
3
VOUTB
3.33K
2
14
BUF
ALL PASS
C
VINC
7
VOUTC
3.33K
VCCC
8
VCCB
VCC
11
VCCA
GNDC
13
GNDA
12
GND
GND
RANGE
GNDB
IBIAS
IBIAS
IBIAS
3k
1k
3k
1k
LOW PASS
A
LOW PASS
B
LOW PASS
C
1X/2X
BUF
1X/2X
BUF


Similar Part No. - ML6420

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6421 MICRO-LINEAR-ML6421 Datasheet
160Kb / 13P
Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
ML6421CS-1 MICRO-LINEAR-ML6421CS-1 Datasheet
160Kb / 13P
Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
ML6421CS-3 MICRO-LINEAR-ML6421CS-3 Datasheet
160Kb / 13P
Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
ML6421CS-4 MICRO-LINEAR-ML6421CS-4 Datasheet
160Kb / 13P
Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
ML6421CS-5 MICRO-LINEAR-ML6421CS-5 Datasheet
160Kb / 13P
Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
More results

Similar Description - ML6420

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6421 MICRO-LINEAR-ML6421 Datasheet
160Kb / 13P
Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
Dual Video Driver with Low Pass Filter
September 22, 2006
logo
Faraday Technology
FF0300P FARADAY-FF0300P Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
FF0200M FARADAY-FF0200M Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
FF0200L FARADAY-FF0200L Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
logo
Mini-Circuits
DLFCV-1000 MINI-DLFCV-1000 Datasheet
668Kb / 4P
Dual Low Pass Filter
LPFD-3040 MINI-LPFD-3040 Datasheet
509Kb / 3P
Dual Low Pass Filter
LPFD-7080 MINI-LPFD-7080 Datasheet
513Kb / 3P
Dual Low Pass Filter
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
Dual Video Driver with Low Pass Filter
logo
Mini-Circuits
DLFCV-1750 MINI-DLFCV-1750 Datasheet
883Kb / 4P
Dual Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com