Electronic Components Datasheet Search
  English  ▼

X  

941-005 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 941-005
Description  Connector Savers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

941-005 Datasheet(HTML) 1 Page - Glenair, Inc.

  941-005 Datasheet HTML 1Page - Glenair, Inc. 941-005 Datasheet HTML 2Page - Glenair, Inc. 941-005 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
12
© 2015 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324 • Series 94 Sav-Con® Catalog
Dimensions in Inches (millimeters) are subject to change without notice.
Sav-Con® Connector Savers
MIL-DTL-38999 Series III
941-005 and 942-005 Threaded Coupling
Dimensions
Shell Size
Ref
Shell
Size
A Thread
Class 2
B
Max
A
9
.6250 – 0.1P – 0.3L – TS-2
.858 (21.82)
B
11
.7500 – 0.1P – 0.3L – TS-2
.984 (24.61)
C
13
.8750 – 0.1P – 0.3L – TS-2
1.157 (28.98)
D
15
1.0000 – 0.1P – 0.3L – TS-2
1.280 (32.16)
E
17
1.1875 – 0.1P – 0.3L – TS-2
1.406 (35.33)
F
19
1.2500 – 0.1P – 0.3L – TS-2
1.516 (38.10)
G
21
1.3750 – 0.1P – 0.3L – TS-2
1.642 (41.28)
H
23
1.5000 – 0.1P – 0.3L – TS-2
1.768 (44.45)
J
25
1.6250 – 0.1P – 0.3L – TS-2
1.890 (47.63)
How To Order
Sample Part Number
94
1
-005
NF
B
98
P
A
Series
94
Class
1 = Environmental
2 = High Reliability
Basic Number
005
Finish
See Table I
Shell Size
A, B, C, D, E, F, G, H, J See Table II or Dimensions Table
Insert Arrangement
See Table II
Contact Type
P = Pins, Plug Side
S = Sockets, Plug Side
Alternate Key Position
A, B, C, D, E, N = Normal; See Table III
Interfacial Seal
1.875
(47.6)
MAX
RECEPTACLE END
A Thread
Class 2B
A Thread
Class 2A
PLUG END
B
Red Color Band
for visual indication
of full mate
941-005 ENVIRONMENTAL AND 942-005 HIGH RELIABILITY THREADED COUPLING


Similar Part No. - 941-005

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
941-002 GLENAIR-941-002 Datasheet
180Kb / 2P
connector savers
941-002NF-F1P5 GLENAIR-941-002NF-F1P5 Datasheet
89Kb / 2P
Sav-Con짰 Connector Savers
941-003 GLENAIR-941-003 Datasheet
208Kb / 2P
connector savers
941-008 GLENAIR-941-008 Datasheet
175Kb / 2P
connector savers
More results

Similar Description - 941-005

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
941L003M09-35P GLENAIR-941L003M09-35P Datasheet
301Kb / 2P
Connector Savers
940L004M08GP GLENAIR-940L004M08GP Datasheet
139Kb / 2P
Connector Savers
941-021NF2520 GLENAIR-941-021NF2520 Datasheet
95Kb / 2P
Connector Savers
941-011NF08S GLENAIR-941-011NF08S Datasheet
101Kb / 2P
Connector Savers
233-213 GLENAIR-233-213 Datasheet
240Kb / 3P
connector savers
940-014 GLENAIR-940-014 Datasheet
155Kb / 2P
connector savers
801-091 GLENAIR-801-091 Datasheet
169Kb / 1P
connector savers
940-025 GLENAIR-940-025 Datasheet
187Kb / 2P
connector savers
941-003 GLENAIR-941-003 Datasheet
208Kb / 2P
connector savers
941-021 GLENAIR-941-021 Datasheet
218Kb / 3P
Connector Savers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com