Electronic Components Datasheet Search
  English  ▼

X  

941-005 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 941-005
Description  Connector Savers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

941-005 Datasheet(HTML) 3 Page - Glenair, Inc.

  941-005 Datasheet HTML 1Page - Glenair, Inc. 941-005 Datasheet HTML 2Page - Glenair, Inc. 941-005 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
9
© 2015 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324 • Series 94 Sav-Con® Catalog
Dimensions in Inches (millimeters) are subject to change without notice.
Sav-Con® connector savers
MIL-DTL-38999 Series III
Reference Information
Table IV: Capacitor Array Code Capacitance Range for Filtered
Connectors
Class
Pi - Circuit (pF)
C - Circuit (pF)
X*
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
J
70-120
35-60
* Filter Classes X, Y and Z are 250 VDC.
All others are 500 VDC
Table II: Shell Size - Insert Arrangement
Shell Size
Code
Shell Size
Ref.
Insert Arr.
Dash No.
Contact Size
22
20
16
12
A
9
9-3
3
9-35
6
9-44
4
9-98
3
B
11
11-2
2
11-4
4
11-5
5
11-6
6
11-35
13
11-98
6
11-99
7
C
13
13-4
4
13-8
8
13-35
22
13-98
10
D
15
15-5
5
15-15
14
1
15-18
18
15-19
19
15-35
37
15-97
8
4
E
17
17-6
6
17-8
8
17-26
26
17-35
55
17-99
21
2
F
19
19-11
11
19-28
26
2
19-30
29
1
19-32
32
19-35
66
19-45
67
Table II: Shell Size - Insert Arrangement
Shell Size
Code
Shell Size
Ref.
Insert Arr.
Dash No.
Contact Size
22
20
16
12
G
21
21-35
79
21-11
11
21-16
16
21-24
24
21-25
25
21-27
27
21-39
37
2
21-41
41
H
23
23-35
100
23-2
85
23-21
21
23-32
32
23-34
34
23-36
36
23-53
53
23-55
55
23-97
16
23-99
11
J
25
25-2
100
25-4
48
8
25-19
19
25-24
12
12
25-29
29
25-35
128
25-43
23
20
25-61
61



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com