Electronic Components Datasheet Search
  English  ▼

X  

ML6420CS-3 Datasheet(PDF) 20 Page - Micro Linear Corporation

Part # ML6420CS-3
Description  Triple/Dual Phase-Equalized, Low-Pass Video Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6420CS-3 Datasheet(HTML) 20 Page - Micro Linear Corporation

Back Button ML6420CS-3 Datasheet HTML 12Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 13Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 14Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 15Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 16Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 17Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 18Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 19Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 20Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ML6420
20
DS6420-01
PHYSICAL DIMENSIONS inches (millimeters)
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com
SEATING PLANE
0.291 - 0.301
(7.39 - 7.65)
PIN 1 ID
0.398 - 0.412
(10.11 - 10.47)
0.400 - 0.414
(10.16 - 10.52)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.022 - 0.042
(0.56 - 1.07)
0.095 - 0.107
(2.41 - 2.72)
0.005 - 0.013
(0.13 - 0.33)
0.090 - 0.094
(2.28 - 2.39)
16
0.009 - 0.013
(0.22 - 0.33)
0º - 8º
1
0.024 - 0.034
(0.61 - 0.86)
(4 PLACES)
Package: S16W
16-Pin Wide SOIC
PART NUMBER
BW (MHZ)
GAIN
TEMPERATURE RANGE
PACKAGE
ML6420CS-1 (EOL)
5.5/5.5/5.5
1X
0°C to 70°C
16-pin SOIC (S16W)
ML6420CS-3
8.0/8.0/8.0
1X
0°C to 70°C
16-pin SOIC (S16W)
ML6420CS-4 (EOL)
8.0/3.0/3.0
1X
0°C to 70°C
16-pin SOIC (S16W)
ML6420CS-5 (EOL)
5.0/5.0/5.0
2X
0°C to 70°C
16-pin SOIC (S16W)
ML6420CS-7 (EOL)
9.3/9.3/9.3
2X
0°C to 70°C
16-pin SOIC (S16W)
ORDERING INFORMATION
© Micro Linear 2000.
is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their
respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862;
5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479;
5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897; 5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174; 5,767,653;
5,777,514; 5,793,168; 5,798,635; 5,804,950; 5,808,455; 5,811,999; 5,818,207; 5,818,669; 5,825,165; 5,825,223; 5,838,723;
5.844,378; 5,844,941. Japan: 2,598,946; 2,619,299; 2,704,176; 2,821,714. Other patents are pending.
Micro Linear makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication
and reserves the right to make changes to specifications and product descriptions at any time without notice. No license, express or
implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. The circuits contained
in this document are offered as possible applications only. Particular uses or applications may invalidate some of the specifications and/
or product descriptions contained herein. The customer is urged to perform its own engineering review before deciding on a particular
application. Micro Linear assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of
Micro Linear products including liability or warranties relating to merchantability, fitness for a particular purpose, or infringement of any
intellectual property right. Micro Linear products are not designed for use in medical, life saving, or life sustaining applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com