Electronic Components Datasheet Search
  English  ▼

X  

ML6420CS-3 Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML6420CS-3
Description  Triple/Dual Phase-Equalized, Low-Pass Video Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6420CS-3 Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML6420CS-3 Datasheet HTML 8Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 9Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 10Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 11Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 12Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 13Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 14Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 15Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 16Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ML6420
12
Figure 2C. Pass-Band Amplitude vs Frequency
(fC = 9.3MHz). ML6420
Figure 2D. Pass-Band Amplitude vs Frequency
(fC = 3MHz). ML6420
Figure 1C. Stop-Band Amplitude vs Frequency
(fC = 9.3MHz). ML6420
Figure 1D. Stop-Band Amplitude vs Frequency
(fC = 3MHz). ML6420
Figure 3C. Group Delay vs Frequency (fC = 9.3MHz).
ML6420
Figure 3D. Group Delay vs Frequency (fC = 3MHz).
ML6420
+5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
FREQUENCY (Hz)
100k
1M
10M
+10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
FREQUENCY (Hz)
100k
1M
10M
+3
+2
+1
0
–1
–2
–3
–4
–5
–6
–7
FREQUENCY (Hz)
100k
1M
10M
+3
+2
+1
0
–1
–2
–3
–4
–5
–6
–7
FREQUENCY (Hz)
100k
1M
10M
FREQUENCY (Hz)
ML6420-7
ML6420-3
1M
11M
FREQUENCY (Hz)
100K
5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com