Electronic Components Datasheet Search
  English  ▼

X  

ML6424 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6424
Description  CCIR601 Video Lowpass Filter with Optional Sinx/x Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6424 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6424 Datasheet HTML 1Page - Micro Linear Corporation ML6424 Datasheet HTML 2Page - Micro Linear Corporation ML6424 Datasheet HTML 3Page - Micro Linear Corporation ML6424 Datasheet HTML 4Page - Micro Linear Corporation ML6424 Datasheet HTML 5Page - Micro Linear Corporation ML6424 Datasheet HTML 6Page - Micro Linear Corporation ML6424 Datasheet HTML 7Page - Micro Linear Corporation ML6424 Datasheet HTML 8Page - Micro Linear Corporation ML6424 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ML6424/ML6425
4
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 4.75 to 5.25V, TA = Operating Temperature Range (Note 1).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
100
150
mA
Input Current (VIN P, VIN M)
Sourcing out of the device
80
100
120
µA
Input Current Matching
Between VIN P and VIN M (tied to GND)
3.0
5
%
Low Frequency Gain
VIN = 100mVP–P @ 100kHz
–0.2
0.0
0.2
dB
Passband Ripple
100Hz < fIN < fC
–0.25
0.25
dB
Differential Gain (RANGE = High)
VIN: 1.0V ± 0.5V, @ 3.58 or 4.43MHz
0.5
1
%
Differential Phase (RANGE = High)
VIN: 1.0V ± 0.5V, @ 3.58 or 4.43MHz
0.5
1
Degree
Dynamic Input Signal Range (MODE = Float) RANGE = Low
0.5
1.5
V
RANGE = High
0
1
V
Output Noise (GAIN = High)
Bw: 30MHz, ML6424-1
1.7
2.3
mVRMS
Bw: 30MHz, ML6424-2
1.3
1.9
mVRMS
Bw: 30MHz, ML6425-1
1.7
2.3
mVRMS
Bw: 30MHz, ML6425-2
1.3
1.9
mVRMS
Corner Frequency (fC) (±0.25dB)
ML6424-1 or ML6425-1
5.23
5.50
5.78
MHz
ML6424-2 or ML6424-2
2.61
2.75
2.89
MHz
Stopband Loss (ML6424-1, -2)
fIN > 1.45 x corner frequency
35
38
dB
Stopband Loss (ML6425-1, -2)
fIN > 1.45 x corner frequency
30
33
dB
Peak Overshoot and Ringing
2T, 0.7VP–P pulse
1
%
Composite Chroma/Luma Delay
TD(subcarrier) – TD(0); fC = 5.5MHz
20
ns
Output Short Circuit Current
VOUT P to GND while VOUT M = GND
45
mA
Load Capacitance
VOUT P to GND
35
pF
Logic Input Low (VIL)
RANGE
0.8
V
Logic Input High (VIH)
RANGE
VCC – 0.8
V
Logic Input Low (IIL)VIN = GND
–1
µA
Logic Input High (IIL)VIN = VCC
1µA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case conditions.
Note 2: Digital Inputs: All inputs are high impedance 1
µA leakage, with MAX input voltage levels of 0.8V from each supply
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
DC Supply Voltage ........................................ –0.3V to 7V
Analog & Digital
Inputs/Outputs ................................. –0.3V to VCC + 0.3V
Input current per pin .............................. –25mA to 25mA
Storage Temperature ................................ –65°C to 150
⋅C
Maximum Junction Temperature ............................ 150
⋅C
OPERATING CONDITIONS
Operating temperature range ......................... 0°C to 70
⋅C
Operating supply range ....................................... 5V
±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com