Electronic Components Datasheet Search
  English  ▼

X  

ML6424 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6424
Description  CCIR601 Video Lowpass Filter with Optional Sinx/x Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6424 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6424 Datasheet HTML 1Page - Micro Linear Corporation ML6424 Datasheet HTML 2Page - Micro Linear Corporation ML6424 Datasheet HTML 3Page - Micro Linear Corporation ML6424 Datasheet HTML 4Page - Micro Linear Corporation ML6424 Datasheet HTML 5Page - Micro Linear Corporation ML6424 Datasheet HTML 6Page - Micro Linear Corporation ML6424 Datasheet HTML 7Page - Micro Linear Corporation ML6424 Datasheet HTML 8Page - Micro Linear Corporation ML6424 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BLOCK DIAGRAM
1
February 1997
PRELIMINARY
ML6424
*/ML6425*
CCIR601 Video Lowpass Filter
with Optional Sinx/x Correction
GENERAL DESCRIPTION
The ML6424 is a monolithic BiCMOS Video Lowpass
Filter IC, incorporating a 5th order Elliptic (Cauer) lowpass
filter, a third order allpass filter, and a 75
Ω coax cable
driver. The ML6425 additionally provides sinx/x amplitude
correction. These active lowpass filters are available with
a 2.75MHz (-2) or a 5.50MHz (-1) cutoff frequency.
The input signal can be either AC or DC coupled under
the control of the MODE pin. In the DC coupled case, a
control pin (RANGE) is provided to allow the inputs to
swing down to ground. Internal self clamping is provided
for AC coupled signals.
The ML6424 and ML6425 are powered by a single 5V
supply, and can drive 1VPP into 75Ω (0.5V to 1.5V), or
2VPP into 150Ω (0.5 to 2.5V). The maximum output swing
from 0.5V to 2.5V allows easy interface to the ML6400
family of A/D converters.
*Some packages Are Obsolete
FEATURES
s
External or internal input clamping with pulse output
for synchronous clamping of multiple filters
s
Frequency tunable with REXT: ±10%
s
±0.25dB ripple
s
>40dB attenuation at f > 1.45 x fC (w/o sinx/x)
s
>35dB attenuation at f > 1.45 x fC (with sinx/x)
s
–12dB attenuation at f = 1.23 x fC
s
Group delay distortion:
±20ns up to 0.9 x fC
s
<1% peak overshoot and ringing on 2T test pulse
s
0.5% diff. gain and 0.5
⋅ diff. phase typical
s
THD <1% at 3.58 or 4.43MHz
s
Programmable input-output gain of 1x or 2x
s
5V
±5% operation
+5V
VCC
VCC
VCC
VCC
GAIN
VOUT M
VOUT P
REXT
10k
Ω
1%
GND
GND
GND
VIN M
VIN P
MODE
PULSE
I/O
15
16
7
6
13
8
5
11
3
1
9
10
14
2
12
4
+
–
+
–
5TH ORDER
LOW PASS
INPUT
CLAMP
PULSE
CONTROL
3RD ORDER
ALL PASS
FILTER BIAS
RANGE
BUF
BUF
SINX/X
ML6424-1
ML6424-2
ML6425-1
ML6425-2
Bandwidth
5.50MHz
2.75MHz
5.50MHz
2.75MHz
Sinx/x
No
No
Yes
Yes


Similar Part No. - ML6424

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6420 MICRO-LINEAR-ML6420 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-1 MICRO-LINEAR-ML6420CS-1 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-3 MICRO-LINEAR-ML6420CS-3 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-4 MICRO-LINEAR-ML6420CS-4 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-5 MICRO-LINEAR-ML6420CS-5 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
More results

Similar Description - ML6424

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6421 MICRO-LINEAR-ML6421 Datasheet
160Kb / 13P
Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
ML6423 MICRO-LINEAR-ML6423 Datasheet
273Kb / 10P
Dual S-Video Lowpass Filter with Phase and Sinx/x Equalization
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
logo
3PEAK INC.
TPF110 3PEAK-TPF110 Datasheet
1Mb / 12P
Ultra-low Power Video Filter with Shut-down & SAG Correction
logo
Mixed Signal Integratio...
MSVL14 MSI-MSVL14 Datasheet
49Kb / 4P
14 MHz Video Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com