Electronic Components Datasheet Search
  English  ▼

X  

ML6426 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6426
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6426 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6426 Datasheet HTML 1Page - Micro Linear Corporation ML6426 Datasheet HTML 2Page - Micro Linear Corporation ML6426 Datasheet HTML 3Page - Micro Linear Corporation ML6426 Datasheet HTML 4Page - Micro Linear Corporation ML6426 Datasheet HTML 5Page - Micro Linear Corporation ML6426 Datasheet HTML 6Page - Micro Linear Corporation ML6426 Datasheet HTML 7Page - Micro Linear Corporation ML6426 Datasheet HTML 8Page - Micro Linear Corporation ML6426 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ML6426
5
November, 1999
Note 1. Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2. Sustained short circuit protection limited to 10 seconds.
Note 3. 38dB is based on tester noise limits.
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
30MHz FILTER: ML6426-4 (Continued)
XTALK
Crosstalk
Input of 0.5VP-P at 1 MHz
–55
dB
Between any two Channels
XTALK
A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
-54
dB
TPD
Group Delay (R, G, B,)
100kHz
18
ns
DTPD
Group Delay Deviation from Flatness
to 10MHz
0.5
ns
(R, G, B,)
to 27MHz
2
ns
36MHz FILTER: ML6426-5
f1dB
–1dB Bandwidth Flatness (R, G, B,)
25ºC
17
20
MHz
fc
–3dB Bandwidth Flatness (R, G, B,)
25ºC
32.4
36
39.6
MHz
f0.8fc
0.8 x fC Attenuation
2dB
fSB
StopBand Rejection (All Channels
³ 4 fC)fIN ³ 4 fC, Note 3
–40
dB
NOISE
Output Noise (R, G, B,)
Fullband
1.0
mVRMS
XTALK
Crosstalk
Input of 0.5VP-P at 1 MHz
–55
dB
Between any two Channels
XTALK
A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–54
dB
TPD
Group Delay (R, G, B,)
100kHz
17
ns
DTPD
Group Delay Deviation from Flatness
to 10MHz
0.5
ns
(R, G, B,)
to 30MHz
4
ns
48MHz FILTER: ML6426-6
f1dB
–1dB Bandwidth Flatness (R, G, B,)
25ºC
25.5
30
MHz
fc
–3dB Bandwidth Flatness (R, G, B,)
25ºC
43.2
48
52.8
MHz
f0.8fc
0.8 x fC Attenuation
1.2
dB
fSB
StopBand Rejection (All Channels
³ 4 fC)fIN ³ 4 fC, Note 3
–40
dB
NOISE
Output Noise (R, G, B,)
Fullband
1.0
mVRMS
XTALK
Crosstalk
Input of 0.5VP-P at 1 MHz
–55
dB
Between any two Channels
XTALK
A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–54
dB
TPD
Group Delay (R, G, B,)
100kHz
16
ns
DTPD
Group Delay Deviation from Flatness
to 10MHz
0.5
ns
(R, G, B,)
to 40MHz
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com