Electronic Components Datasheet Search
  English  ▼

X  

ML6426 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6426
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6426 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6426 Datasheet HTML 1Page - Micro Linear Corporation ML6426 Datasheet HTML 2Page - Micro Linear Corporation ML6426 Datasheet HTML 3Page - Micro Linear Corporation ML6426 Datasheet HTML 4Page - Micro Linear Corporation ML6426 Datasheet HTML 5Page - Micro Linear Corporation ML6426 Datasheet HTML 6Page - Micro Linear Corporation ML6426 Datasheet HTML 7Page - Micro Linear Corporation ML6426 Datasheet HTML 8Page - Micro Linear Corporation ML6426 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 1999
PRELIMINARY
ML6426
High Bandwidth Triple Video Filters with Buffered
Outputs for RGB or YUV
1
GENERAL DESCRIPTION
The ML6426 are a family of triple video filters with
buffered outputs. There are several versions of the
ML6426, each with different passband cut-off frequencies
of 6.7MHz, 12MHz, 24MHz, 30MHz, 36MHz, and
48MHz. Each channel contains a 4th-order Butterworth
lowpass reconstruction video filter. The filter is optimized
for minimum overshoot and flat group delay and
guaranteed differential gain and phase at the outputs of
the integrated cable drivers.
All input signals from DACs are AC coupled into the
ML6426. All channels have DC restore circuitry to clamp
the DC input levels during video H-sync, using an output
feedback clamp. An external H-sync signal is required for
this purpose.
All outputs must be AC coupled into their loads. Each
output can drive 2VP-P into a 150W load. All channels
have a gain of 2 (6dB) at 1VP-P input levels.
FEATURES
s
5V ±10% operation
s
RGB/YUV filters for ATSC Digital Television VESA
Standard
s
2:1 Mux Inputs for multiple RGB/YUV inputs
s
Triple Reconstruction Filter options for 6.7, 12, 24, 30,
36, and 48MHz to handle various line rates
s
Multiple ML6426 outputs can be paralleled to drive
RGB/YUV outputs at different frequencies for various
line rates by means of Disable/Enable pin.
s
6dB drivers and sync tip clamps for DC restore
s
DC restore with minimal tilt
s
0.4% differential gain on all channels
0.4º differential phase on all channels
0.8% total harmonic distortion on all channels
s
2kV ESD protection
BLOCK DIAGRAM
RINA/YINA
2
RINB/YINB
BINA/VINA
8
BINB/VINB
9
A/B MUX
GINA/UINA
6
GIN/UINB
7
ROUT/YOUT
13
GOUT/UOUT
11
BOUT/VOUT
10
4th-ORDER
FILTER A
4th-ORDER
FILTER B
4th-ORDER
FILTER C
MUX
MUX
MUX
×2
×2
×2
TRANSCONDUCTANCE
ERROR AMP
TRANSCONDUCTANCE
ERROR AMP
TRANSCONDUCTANCE
ERROR AMP
1
SYNCIN
16
GNDO
14
DISABLE
15
VCCO
12
VCC
4
GND
3
5
+
–
+
–
+
–
0.5V
0.5V
0.5V
ML6426-1
ML6426-2
ML6426-3
ML6426-4
ML6426-5
ML6426-6
Filter A
6.7MHz
12MHz
24MHz
30MHz
36MHz
48MHz
Filter B
6.7MHz
12MHz
24MHz
30MHz
36MHz
48MHz
Filter C
6.7MHz
12MHz
24MHz
30MHz
36MHz
48MHz


Similar Part No. - ML6426

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6426 FAIRCHILD-ML6426 Datasheet
146Kb / 17P
High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426-1 FAIRCHILD-ML6426-1 Datasheet
146Kb / 17P
High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426-15 FAIRCHILD-ML6426-15 Datasheet
146Kb / 17P
High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426-2 FAIRCHILD-ML6426-2 Datasheet
146Kb / 17P
High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426-3 FAIRCHILD-ML6426-3 Datasheet
146Kb / 17P
High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
More results

Similar Description - ML6426

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6426 FAIRCHILD-ML6426 Datasheet
146Kb / 17P
High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
logo
Texas Instruments
TLV5734 TI-TLV5734 Datasheet
300Kb / 17P
TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
Triple Video Filter Driver for RGB and YUV Signals
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
Precision Triple Video Filter Driver for RGB and YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Texas Instruments
TLV5734 TI1-TLV5734_10 Datasheet
294Kb / 20P
TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com