Electronic Components Datasheet Search
  English  ▼

X  

ML6427 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6427
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6427 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6427 Datasheet HTML 1Page - Micro Linear Corporation ML6427 Datasheet HTML 2Page - Micro Linear Corporation ML6427 Datasheet HTML 3Page - Micro Linear Corporation ML6427 Datasheet HTML 4Page - Micro Linear Corporation ML6427 Datasheet HTML 5Page - Micro Linear Corporation ML6427 Datasheet HTML 6Page - Micro Linear Corporation ML6427 Datasheet HTML 7Page - Micro Linear Corporation ML6427 Datasheet HTML 8Page - Micro Linear Corporation ML6427 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ML6427
4
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V ±10%, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Supply Current
No Load (VCC = 5V)
90
mA
AV
Low Frequency Gain (All Channels)
VIN = 100mVP-P at 300kHz
5.34
6.0
6.65
dB
VSYNC
Channel Sync Output Level CV/Y, R/Y, G/Y Sync Present and Clamp Settled
0.6
0.9
1.1
V
B/C
Sync Present and Clamp Settled
1.2
1.4
1.5
V
Unfiltered
Sync Present and Clamp Settled
0.7
1.0
1.2
V
tCLAMP
Clamp Response Time
Settled to Within 10mV, CIN=0.1µF
10
ms
f0.5dB
0.5dB Bandwidth
All Outputs
4.5
MHz
(Flatness. All Filtered Channels)
fC
–3dB Bandwidth
All Outputs (With no Peaking Cap.
6.7
7.1
MHz
(Flatness. All Filtered Channels)
See Figures 2 and 13)
0.8fC
0.8 x fC Attenuation, All Filtered Channels
All Outputs
1.5
dB
fSB
Stopband Rejection
All Filtered Channels
–35
–41
dB
fIN = 27MHz to 100MHz worst case
(See Figures 2 and 13)
Vi
Input Signal Dynamic Range (All Channels) AC Coupled
1
1.25
VP-P
NOISE
Output Noise (All Channels)
Over a Frequency Band
1
mVRMS
of 25Hz-50MHz
OS
Peak Overshoot (All Channels)
2VP-P Output Pulse
4.3
%
ISC
Output Short Circuit Current (All Channels) Note 2
120
mA
CL
Output Load Capacitance (All Channels)
Load at the Output Pin
35
pF
dG
Differential Gain (All Channels)
All Outputs
0.4
%
d
F
Differential Phase (All Channels)
All Outputs
0.4
º
THD
Output Distortion (All Channels)
VOUT = 1.8VP-P at 3.58/4.43MHz
0.4
%
XTALK
Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–55
dB
on any channel to output of any
other channel
Input A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–54
dB
Swap Mux Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–52
dB
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC .................................................................................................. 6V
Junction Temperature ............................................. 150°C
ESD ..................................................................... >2000V
Storage Temperature Range...................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
qJA) ...................................... 80°C/W
OPERATING CONDITIONS
Temperature Range ........................................ 0°C to 70°C
VDD Range ................................................... 4.5V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com