Electronic Components Datasheet Search
  English  ▼

X  

ML6427 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6427
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6427 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6427 Datasheet HTML 1Page - Micro Linear Corporation ML6427 Datasheet HTML 2Page - Micro Linear Corporation ML6427 Datasheet HTML 3Page - Micro Linear Corporation ML6427 Datasheet HTML 4Page - Micro Linear Corporation ML6427 Datasheet HTML 5Page - Micro Linear Corporation ML6427 Datasheet HTML 6Page - Micro Linear Corporation ML6427 Datasheet HTML 7Page - Micro Linear Corporation ML6427 Datasheet HTML 8Page - Micro Linear Corporation ML6427 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 1999
PRELIMINARY
ML6427
75
W Quad Video Cable Drivers and Filters
with Switchable Inputs
1
GENERAL DESCRIPTION
The ML6427 is a quad 4th-order Butterworth lowpass
reconstruction filter plus quad video amplifier optimized
for minimum overshoot and flat group delay. Each filter
channel has a two-input multiplexer that switches between
two groups of quad video signals. Applications driving
SCART and EVC cables are supported for composite,
component, and RGB video.
1VP-P input signals from DACs are AC coupled into the
ML6427 where they are DC restored. Outputs are AC
coupled and drive 2VP-P into a 150W load. The ML6427
can provide DC coupled outputs for certain applications.
A fifth unfiltered channel is provided to support an
additional analog composite video input. A swapping
multiplexer between the two composite channels allows
the distribution amplifiers to output from either input.
Several ML6427s can be arranged in a master-slave
configuration where an external sync can be used for CV
and RGB outputs.
BLOCK DIAGRAM
FEATURES
s
Cable drivers for Peritel (SCART), Enhanced Video
Connector (EVC), and standard video connectors, 75
W
cable drivers for CV, S-video, and RGB
s
7.1MHz CV, RGB, and S-video, NTSC or PAL filters
with mux inputs and output channel mux
s
Quad reconstruction filter or dual anti-aliasing filter
s
43dB stopband attenuation at 27MHz
s
1dB flatness up to 4.8MHz
s
12ns group delay flatness up to 10MHz
s
0.4% differential gain, 0.4º differential phase on all
channels
s
0.4% total harmonic distortion on all channels
s
Master-slave configuration allows up to 8 multiplexed,
filtered output signals
A/B MUX
1
12
BINA/C1
BINB/C2
BOUT/COUT
GND
GNDO
11
GINB/Y2
10
GINA/Y6
9
RINB/Y5
8
RINA/Y4
7
CVINFB/Y3*
4
CVINFA/Y2*
3
SYNCOUT
MUX
MUX
MUX
SWAP
MUX
MUX
15
GOUT/YOUTD
16
ROUT/YOUTC
18
CVOUT/YOUTB
20
CVOUT1/YOUTA
21
5
19
4th-ORDER
FILTER
TRANSCONDUCTANCE
ERROR AMP
TRANSCONDUCTANCE
ERROR AMP
UNFILTERED CHANNEL
SWAP CVF
SWAP CVU
VCC
VCCOCV
REQUIRED
SYNC STRIP
SYNC
TIMER
SYNC
TIMER
24
22
VCCORGB
17
6
13
14
SYNCIN
23
SYNCIN
2
+
–
0.5V
+
–
0.5V
4th-ORDER
FILTER
TRANSCONDUCTANCE
ERROR AMP
+
–
0.5V
4th-ORDER
FILTER
TRANSCONDUCTANCE
ERROR AMP
+
–
0.5V
4th-ORDER
FILTER
TRANSCONDUCTANCE
ERROR AMP
*CAN ALSO INPUT SYNC ON GREEN SIGNALS
+
–
0.75V
×2
×2
×2
×2
×2


Similar Part No. - ML6427

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6427 FAIRCHILD-ML6427 Datasheet
168Kb / 17P
75W Quad Video Cable Drivers and Filters with Switchable Inputs
ML6427CS FAIRCHILD-ML6427CS Datasheet
168Kb / 17P
75W Quad Video Cable Drivers and Filters with Switchable Inputs
More results

Similar Description - ML6427

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
ML6427 FAIRCHILD-ML6427 Datasheet
168Kb / 17P
75W Quad Video Cable Drivers and Filters with Switchable Inputs
ML6429 FAIRCHILD-ML6429 Datasheet
157Kb / 15P
75??Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Micro Linear Corporatio...
ML6428 MICRO-LINEAR-ML6428 Datasheet
240Kb / 11P
S-Video Filter and 75廓 Line Drivers with Summed Composite Output
ML6429 MICRO-LINEAR-ML6429 Datasheet
233Kb / 15P
75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Fairchild Semiconductor
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
82Kb / 8P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Fairchild Semiconductor
FMS6410B FAIRCHILD-FMS6410B_06 Datasheet
214Kb / 8P
Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com