Electronic Components Datasheet Search
  English  ▼

X  

ML6510 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML6510
Description  Series Programmable Adaptive Clock Manager (PACMan??
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6510 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML6510 Datasheet HTML 7Page - Micro Linear Corporation ML6510 Datasheet HTML 8Page - Micro Linear Corporation ML6510 Datasheet HTML 9Page - Micro Linear Corporation ML6510 Datasheet HTML 10Page - Micro Linear Corporation ML6510 Datasheet HTML 11Page - Micro Linear Corporation ML6510 Datasheet HTML 12Page - Micro Linear Corporation ML6510 Datasheet HTML 13Page - Micro Linear Corporation ML6510 Datasheet HTML 14Page - Micro Linear Corporation ML6510 Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
ML6510
PCB trace impedance
Z0 = 40Ω to 65Ω
Lumped
CL ≤ 20pF
FBX
CLKX
ML6510-130
FIRST-ORDER
MATCHED LOADS
ML6510-130
GENERIC
LOAD
R2
One way trip delay < tRANGE/2
PCB trace impedance
Z0 = 40Ω to 65Ω
Lumped
CLX ≤ 20pF
FBX
CLKX
LOAD
LOAD
R2
R3
Length LX
PCB trace impedance
Z0 = 40Ω to 65Ω
Lumped
CLY ≤ 20pF
FBY
CLKY
LOAD
R2
R3
One way trip delay < tRANGE/2
Length LY
|CLX – CLY| < 5pF
|LX – LY| < 4"
ZOX = ZOY
R3
PCB trace impedance
Z0 = 40Ω to 65Ω
Lumped
CL ≤ 20pF
FBX
CLKX
ML6510-80
FIRST-ORDER
MATCHED LOADS
ML6510-80
GENERIC
LOAD
R1
One way trip delay < tRANGE/2
PCB trace impedance
Z0 = 40Ω to 65Ω
Lumped
CLX ≤ 20pF
FBX
CLKX
LOAD
LOAD
R1
Length LX
PCB trace impedance
Z0 = 40Ω to 65Ω
Lumped
CLY ≤ 20pF
FBY
CLKY
LOAD
R1
One way trip delay < tRANGE/2
Length LY
|CLX – CLY| < 5pF
|LX – LY| < 4"
ZOX = ZOY
EXTERNAL INPUT CLOCKS
The external input clock to the ML6510 can be either a
differential Pseudo-ECL clock or a single-ended TTL clock.
This is selected using the CS bit in the serial shift register.
For the single-ended TTL clock tie the CLKINH and CLKINL
pins together. The ML6510 ensures that there is a well-
defined phase difference between the input and output
clocks.
RESET AND LOCK
When RESET is de-asserted, the internal programming
logic will become active, loading in the configuration bits
(see Programming the ML6510). Once the configuration is
loaded, the PLL will lock onto the reference signal, and
then the deskew blocks will adapt to the load conditions.
When all eight output clocks are stable and deskewed,
LOCK will be asserted. The asserted polarity of lock is
high. Thus, LOCK can be used to indicate that the system
is ready, or it can be used to drive the RESET input of
another PACMan in a clock tree.
CHIP
VCC
RESET
LOCK
tRESET
tLOCK
tLOCK
PROGRAM IN THE
CONFIGURATION
PROGRAM IN THE
CONFIGURATION
0
5V
RESET may be reasserted at any time to reset the chip
operations. Following a RESET assertion of valid pulse
width (see Programming Electrical Characteristics), the
ML6510 must again be loaded with a configuration, then
it will re-lock and reassert lock when all eight clock
outputs are stable and deskewed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com