Electronic Components Datasheet Search
  English  ▼

X  

PE44117 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44117
Description  C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing, High Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44117 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44117 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44117 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44117 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing, High Voltage from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole
Spacing, High Voltage PE44117
URL: http://www.pasternack.com/c-female-standard-solder-cup-terminal-connector-pe44117-p.aspx
C Female Connector Solder Attachment 4 Hole Flange Solder
Cup Terminal, .718 inch Hole Spacing, High Voltage
PE44117
PE44117 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com