Electronic Components Datasheet Search
  English  ▼

X  

PE44117 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44117
Description  C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing, High Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44117 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44117 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44117 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44117 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing,
High Voltage
Configuration
Connector
C Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.315 [33.4]
Width/Dia., in [mm]
1 [25.40]
Height, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
C Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole
Spacing, High Voltage PE44117
PE44117
PE44117 REV
C Female Connector Solder Attachment 4 Hole Flange Solder
Cup Terminal, .718 inch Hole Spacing, High Voltage


Similar Part No. - PE44117

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4411 PASTERNACK-PE4411 Datasheet
315Kb / 3P
SMA Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4411 PASTERNACK-PE4411 Datasheet
222Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE44110 PASTERNACK-PE44110 Datasheet
271Kb / 3P
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62
PE44111 PASTERNACK-PE44111 Datasheet
91Kb / 1P
MHV FEMALE, BULKHEAD, CLAMP ATTACHMENT FOR RG174, RG188 & RG316
PE44112 PASTERNACK-PE44112 Datasheet
282Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11 RG225, RG393, .718 inch Hole Spacing
More results

Similar Description - PE44117

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4131 PASTERNACK-PE4131 Datasheet
239Kb / 2P
N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4012 PASTERNACK-PE4012 Datasheet
238Kb / 2P
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4486 PASTERNACK-PE4486 Datasheet
229Kb / 3P
N Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44096 PASTERNACK-PE44096 Datasheet
220Kb / 3P
C Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com