Electronic Components Datasheet Search
  English  ▼

X  

PE44302 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44302
Description  75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44302 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44302 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44302 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44302 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB PE44302
URL: http://www.pasternack.com/mcx-jack-standard-surface-mount-pcb-connector-pe44302-p.aspx
75 Ohm MCX Jack Connector Solder
Attachment Surface Mount PCB
PE44302
PE44302 REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com