Electronic Components Datasheet Search
  English  ▼

X  

PE44302 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44302
Description  75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44302 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44302 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44302 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44302 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
Configuration
Connector
MCX Jack
Connector Specification
MIL-C-39012
Connector Interface Type
Surface Mount
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
75
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.266 [6.76]
Width/Dia., in [mm]
0.236 [5.99]
Height, in [mm]
0.236 [5.99]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
MCX Jack
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
10µ in minimum
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB PE44302
PE44302
PE44302 REV 01
75 Ohm MCX Jack Connector Solder
Attachment Surface Mount PCB


Similar Part No. - PE44302

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE4430 PASTERNACK-PE4430 Datasheet
349Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44300 PASTERNACK-PE44300 Datasheet
267Kb / 3P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE44302

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4889 PASTERNACK-PE4889 Datasheet
214Kb / 2P
MCX Jack Connector Solder Attachment Surface Mount PCB
PE4890 PASTERNACK-PE4890 Datasheet
222Kb / 3P
MCX Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE44305 PASTERNACK-PE44305 Datasheet
752Kb / 2P
75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB
PE44613 PASTERNACK-PE44613 Datasheet
203Kb / 2P
MCX Plug Connector Solder Attachment Surface Mount PCB
PE44660 PASTERNACK-PE44660 Datasheet
226Kb / 3P
MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE4176 PASTERNACK-PE4176 Datasheet
816Kb / 2P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE4555 PASTERNACK-PE4555_16 Datasheet
318Kb / 3P
MCX Jack Connector Solder Attachment Thru Hole PCB
PE4176 PASTERNACK-PE4176_16 Datasheet
350Kb / 3P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com