Electronic Components Datasheet Search
  English  ▼

X  

ML6622 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6622
Description  High-Speed Data Quantizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6622 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6622 Datasheet HTML 1Page - Micro Linear Corporation ML6622 Datasheet HTML 2Page - Micro Linear Corporation ML6622 Datasheet HTML 3Page - Micro Linear Corporation ML6622 Datasheet HTML 4Page - Micro Linear Corporation ML6622 Datasheet HTML 5Page - Micro Linear Corporation ML6622 Datasheet HTML 6Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ML6622
Micro Linear
FUNCTIONAL DESCRIPTION
The ML6622 high speed data quantizer accepts a low
level analog signal from a pin diode and transimpedance
amp front end and converts it into digital ECL levels for
subsequent digital processing. The input signal, from a
transimpedance amplifier, is immediately amplified by a
two-stage video amplifier. The output of this amplifier
feeds two parallel paths.
The data path is comprised of a high speed comparator
that outputs PECL differential data on the ECL OUT
± pins.
The Link Detection path monitors the magnitude of the
amplified input signal, compares it to a user-settable
threshold, and provides the result of the comparison as a
PECL differential output on the Link
± pins. The timer
following the threshold block is used to set the Link
Detect output acquire and deacquire time using a
capacitor.
AMPLIFIER
The amplifier is a two stage video amplifier with a gain of
approximately 55V/V. Maximum sensitivity is achieved
through the use of the DC restoration feedback loop and
AC coupling the input. The AC coupling input capacitors,
in conjunction with the input impedance of the amplifier,
establish a high pass filter with the lower 3dB point
determined by the input resistance and the input coupling
capacitors. This cap also adds a secondary pole to the
offset loop.
Since the amplifier has a differential input, two AC
capacitors of equal value are required. If the signal driving
the input is single ended, the other coupling capacitor
should be tied to VCC.
A low-pass filter in the offset loop is created with the
capacitor on pin 15 (CAP). The lower 3dB point
controlled by a capacitor tied from the CAP pin to VREF as
shown in the application circuit. For stability reasons the
value of the capacitor on the CAP pin should be 10 times
larger than the input coupling capacitors. The 3dB point is
given by the following equation:
F
C
3
1
2
100
dB
k
=
××
π
Although the input is AC coupled, the offset voltage
within the amplifier will be present at the amplifier’s
output. The removal of the dc offset in the amplifier helps
the circuit respond to small input voltages, and reduces
duty-cycle distortion. In order to reduce this error, a
negative feedback loop nulls the offset voltage. An
external capacitor connected to the CAP pin is used to
store the offset voltage. This voltage is compared to VREF
and a difference current proportional to the result is
applied to the negative side of the input stage of the AMP
circuit block thereby nulling the DC offset.
COMPARATOR
A high speed ECL comparator with PECL outputs is used
for the quantization function. The comparator has an
Enable input pin which takes an ECL level. This Enable
pin is normally driven by LINKLED, which causes the
output to be enabled when the link is up and disabled
when the link is down. When ENABLE is low the
comparator is operational. When ENABLE is high the
comparator is disabled causing ECL OUT– to go low and
ECL OUT+ to go high. The ENABLE pin can be tied to
ground to keep the comparator permanently enabled.
LINK DETECT CIRCUIT
The Link Detection Circuit is used to accurately measure
the input amplitude to determine whether it is large
enough to reliably recover the input signal. Once the Bit
Error Rate (BER) for the ML6622 receive circuit is
determined, the link detect threshold can be set so that the
Link Detect Circuit will shut off before the error rate
exceeds the link requirement.
The Link Detection Circuit consists of three functional
blocks; Thresh, Timer, and Link Out. Thresh detects the
output of Amp and compares it to a programmable
threshold input THIN. As long as the input amptitude is
greater than the programmable threshold input, the Link
Detect output remains active.
When the peak input drops below THIN, Thresh’s output
changes state and Timer delays the Link Out state change
for a programmable amount of time. When using the
default CTIME capacitance of 2000pF, the deassert time
and the assert time values conform to the ANSI X3.166-
1990 PMD standard for FDDI.
To improve stability, the Link Detect circuit includes 1.7dB
of hysteresis.
The VREF output can be tied directly to THIN to set the
Link Detect threshold. For greater sensitivities, VREF can
be divided down before applied to THIN. The formula for
the threshold on the thin pin is as follows:
Threshold Assert
VTHIN
()
=
500
Threshold Deassert
VTHIN
()
=
750



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com