Electronic Components Datasheet Search
  English  ▼

X  

ML6622 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6622
Description  High-Speed Data Quantizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6622 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6622 Datasheet HTML 1Page - Micro Linear Corporation ML6622 Datasheet HTML 2Page - Micro Linear Corporation ML6622 Datasheet HTML 3Page - Micro Linear Corporation ML6622 Datasheet HTML 4Page - Micro Linear Corporation ML6622 Datasheet HTML 5Page - Micro Linear Corporation ML6622 Datasheet HTML 6Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Micro Linear
1
Micro Linear
March 1997
ML6622
*
High-Speed Data Quantizer
ECL OUT+
ECL OUT–
ENABLE
LINK+
LINK–
GND
VCC
GNDA
VCCA
VIN+
VIN–
VREF
CAP
THIN
CTIME LINKLED
TIMER
LINK
OUT
THRESH
REF
FILTER
AMP
ECL
CMP
LINK DETECT
14
11
3
6
4
5
1
7
8
2
16
10
15
9
12
13
BLOCK DIAGRAM
FEATURES
s
200 MHz bandwidth
s
Low noise design
s
Adjustable Link Detect function
s
Low power design: 35mA typical
s
Used with the ML6633 LED driver
APPLICATIONS
s
FDDI
s
Fast Ethernet, 100BASE-FX
s
ATM (SONET), 155Mbps
s
Fibre Channel, 133 or 266Mbps
s
Proprietary high-speed fiber optic data links
GENERAL DESCRIPTION
The ML6622 high-speed data quantizer (post-amplifier) is
a low noise, wide-band, BiCMOS monolithic IC designed
for high-speed signal recovery applications, such as FDDI,
Fast Ethernet, and ATM. An internal DC restoration
feedback loop nulls any offset voltage produced in the
input stage. The limiting amplifier contributes to a high
level of sensitivity and a minimum of duty cycle
distortion.
The output of the data path is a high-speed comparator
with ECL outputs. An enable pin gates the comparator on
or off in response to the input signal level or a system
control signal.
The Link Detect circuit provides an Assert-Deassert
function with a user-selectable threshold voltage. This
circuit monitors the input signal and provides an ECL High
output within 100ms of signal acquisition and an ECL Low
output within 350ms of signal loss. The ECL discriminator
output can be used to disable the comparator when the
signal is below the user-selected threshold. LINKLED
drives an LED for a visible indication of the link status.
*Some Packages Are Obsolete


Similar Part No. - ML6622

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
ML6633CS MICRO-LINEAR-ML6633CS Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
ML6633IS MICRO-LINEAR-ML6633IS Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
ML6651 MICRO-LINEAR-ML6651 Datasheet
198Kb / 10P
Auto-Negotiating Media Converter
logo
OKI electronic componet...
ML66517 OKI-ML66517 Datasheet
203Kb / 28P
16-Bit Microcontroller
More results

Similar Description - ML6622

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6011 NPC-SM6011 Datasheet
210Kb / 8P
High-speed Data Converter
logo
Analog Devices
AD807 AD-AD807 Datasheet
226Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.A
AD808 AD-AD808 Datasheet
145Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.0
logo
Micro Linear Corporatio...
ML4621 MICRO-LINEAR-ML4621 Datasheet
161Kb / 8P
Data Quantizer
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
logo
List of Unclassifed Man...
AX10410A ETC-AX10410A Datasheet
63Kb / 2P
High Speed Data Acquisition Module
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807_15 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808_15 Datasheet
153Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
logo
Keysight Technologies
E2688A KEYSIGHT-E2688A Datasheet
3Mb / 10P
High-Speed Serial Data Analysis
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com