Electronic Components Datasheet Search
  English  ▼

X  

ML6672 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6672
Description  ATM UTP Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6672 Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML6672 Datasheet HTML 1Page - Micro Linear Corporation ML6672 Datasheet HTML 2Page - Micro Linear Corporation ML6672 Datasheet HTML 3Page - Micro Linear Corporation ML6672 Datasheet HTML 4Page - Micro Linear Corporation ML6672 Datasheet HTML 5Page - Micro Linear Corporation ML6672 Datasheet HTML 6Page - Micro Linear Corporation ML6672 Datasheet HTML 7Page - Micro Linear Corporation ML6672 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ML6672
6
Note 1.
Split 100K ECL terminations are 82
W and 130W to VCC and GND respectively.
Note 2.
Recommended power supply bypass capacitors are 0.1µF with optional 10µF tantalum in parallel.
Note 3.
Transformer turns ratio is 1:1.
Note 4.
LPBK and TXOFF inputs are active LOW.
TXIN+
TXIN–
SD+
SD–
RXOUT+
RXOUT–
TPOUT+
TPOUT–
TPIN+
CMREF
TPIN–
RTSET2
RTSET1
CAP2
CAP1
RVCCA
TVCCA
TVCCD
RVCCD
LPBK TXOFF TGNDD TGNDA RGND RTH1 RTH2 RSET1 RSET2 RRSET1 RRSET2
TO MIC
FROM MIC
+5.0V
50
Ω
50
Ω
50
Ω
50
Ω
+
0.1
µF
9.53k
Ω 1%
5k
Ω 1%
250
Ω 1%
4.0k
Ω99 1%
0.33
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.33
µF
+5.0V
FROM PHY
TO PHY
TO PHY
FROM PHY
+5.0V
+5.0V
+5.0V
0.1
µF
NOTE 1
10pF
ML6672
Figure 2. Application Example of ML6672 Configured for 1.0VP-P Transmit Amplitude on C5 UTP.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com