Electronic Components Datasheet Search
  English  ▼

X  

ML6672 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6672
Description  ATM UTP Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6672 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6672 Datasheet HTML 1Page - Micro Linear Corporation ML6672 Datasheet HTML 2Page - Micro Linear Corporation ML6672 Datasheet HTML 3Page - Micro Linear Corporation ML6672 Datasheet HTML 4Page - Micro Linear Corporation ML6672 Datasheet HTML 5Page - Micro Linear Corporation ML6672 Datasheet HTML 6Page - Micro Linear Corporation ML6672 Datasheet HTML 7Page - Micro Linear Corporation ML6672 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
December 1998
ML6672*
ATM UTP Transceiver
1
GENERAL DESCRIPTION
The ML6672 is a complete monolithic transceiver for
155Mbps NRZ encoded data transmission over Category 5
Unshielded Twisted Pair and Shielded Twisted Pair cables.
The ML6672 is compliant with the ATM Forum 155Mbps
Twisted Pair Specification. The adaptive equalizer in the
ML6672 will accurately compensate for line losses of up
to 100m of UTP. The part requires only external 1%
resistors for accurate equalization.
The ML6672 receive section consists of an equalizing filter
with a feedback loop for controlling effective line
compensation. The feedback loop contains a filter and
detection block for determining the proper control signal.
An ECL 100K compatible buffer at the output interfaces
directly with ATM physical interface chips.
The ML6672 transmit section accepts ECL 100K
compatible NRZ inputs.
Several additional functions are provided by the ML6672
to simplify applications. A common-mode reference is
provided to set the input DC level for the equalizer and
the near-end transformer winding. This terminal may be
used as an AC ground for the transformer center-tap or
termination resistors. A link status circuit monitors line
integrity and provides a proper logic level output signal to
interface with the host system.
The ML6672 is implemented in a BiCMOS process. A
differential signal path throughout minimizes the effects of
power supply transients and noise.
FEATURES
s
Complies with ATM Forum 155Mbps Twisted Pair
Specification
s
Transmitter can be externally turned off for
true quiet line
s
Receiver includes adaptive equalizer
s
Operates over 100 meters of STP or category 5 UTP
Twisted Pair Cable
s
Semi-standard options available
* This Part Is End Of Life As Of August 1, 2000
BLOCK DIAGRAM
LINK
STATUS
ADAPTIVE
CONTROL
ADAPTIVE
EQUALIZER
ADAPTIVE
CONTROL REFERENCE
CMREF
RVCCD
RVCCA
RRSET
RRSET2
RRSET1
GND
RTH2
RTH1
RSET2
RSET1
TGNDD
TGNDA
RXOUT–
RXOUT+
SD–
SD+
TXIN–
TXIN+
TPOUT–
TPOUT+
CAP1
CAP2
TPIN+
TPIN–
LPBK
TXOFF
TVCCA
TVCCD
RTSET
RTSET1
RTSET2
MUX
Please See ML66
74 for New Designs


Similar Part No. - ML6672

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
ML6673CH MICRO-LINEAR-ML6673CH Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
ML6673CQ MICRO-LINEAR-ML6673CQ Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
ML6674 MICRO-LINEAR-ML6674 Datasheet
166Kb / 8P
ATM 155Mbps UTP Transceiver
ML6674CH MICRO-LINEAR-ML6674CH Datasheet
166Kb / 8P
ATM 155Mbps UTP Transceiver
More results

Similar Description - ML6672

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5945-UTP5 PMC-PM5945-UTP5 Datasheet
1Mb / 84P
ATM PHYSICAL INTERFACE APPLICATION BOARD FOR CAT-5 UTP
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
AX??ATM-SONET/SDH Transceiver
November 29, 1999
logo
Micro Linear Corporatio...
ML6674 MICRO-LINEAR-ML6674 Datasheet
166Kb / 8P
ATM 155Mbps UTP Transceiver
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
Local Area Network ATM Transceiver
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
155 Mbps SDH/SONET/ATM Transceiver
logo
Applied Micro Circuits ...
S3031B AMCC-S3031B Datasheet
244Kb / 26P
E4/STM-1/OC-3 ATM TRANSCEIVER
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
Local Area Network ATM Transceiver
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
Local Area Network ATM Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815BZ AVAGO-AFCT-5815BZ_15 Datasheet
313Kb / 10P
nSingle Mode Fiber Optic Transceiver for ATM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com