Electronic Components Datasheet Search
  English  ▼

X  

ML6695 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6695
Description  100BASE-X Fiber Physical Layer With 5-bit Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6695 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6695 Datasheet HTML 1Page - Micro Linear Corporation ML6695 Datasheet HTML 2Page - Micro Linear Corporation ML6695 Datasheet HTML 3Page - Micro Linear Corporation ML6695 Datasheet HTML 4Page - Micro Linear Corporation ML6695 Datasheet HTML 5Page - Micro Linear Corporation ML6695 Datasheet HTML 6Page - Micro Linear Corporation ML6695 Datasheet HTML 7Page - Micro Linear Corporation ML6695 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ML6695
5
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC Supply Voltage Range ............................ –0.3V to 6V
Input Voltage Range
Digital Inputs ........................................... –0.3V to VCC
VIN+, VIN-,TXC, CAPDC, CAPB ............... –0.3V to VCC
Output Current
IOUT, IOUT ........................................................ 90mA
All Other Outputs ............................................... 10mA
Junction Temperature .................................... 0ºC to 125ºC
Storage Temperature ................................. –65ºC to 150ºC
Lead Temperature (Soldering, 10 sec) ..................... 260ºC
Thermal Resistance (
qJA)
PLCC ............................................................... 53°C/W
OPERATING CONDITIONS
Temperature Range ....................................... 0ºC to 70ºC
VCC Supply Voltage .............................. ........... 5V ±5%
All VCC supply pins must be within 0.1V of each other.
All GND pins
must be within 0.1V of each other.
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V ±5%, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TTL INPUTS (TSM<4:0>, LPBK, TXC, PWRDN)
VIL
Input Low Voltage
IIL = –400µA
–0.3
0.8
V
VIH
Input High Voltage
IIH = 100µA
2.0
VCC+0.3
V
IIL
Input Low Current
VIN = 0.4V
–200
µA
IIH
Input High Current
VIN = 2.4V
100
µA
TTL OUTPUTS (RSM<4:0>, RXC, SDO)
VOL
Output Low Voltage
IOL = 4mA
0.4
V
VOH
Output High Voltage
IOH = –4mA
2.4
RECEIVER
VICM
VIN+/- input common-mode voltage
VCC = 5V
2.5
V
VID
VIN+/- differential input voltage range
3.5
1700
mVP-P
RIDR
VIN+/- differential input resistance
500
1k
W
VSDA
Signal detect assertion threshold
peak-to-peak non-idle
8
12
mVP-P
signal level at VIN+/- for
SDO assertion
AHYST
Input hysteresis
1.5
2
dB
IRT
RTSET input current
RTSET = 2.32k
W ±1%
486
540
594
µA
TRANSMITTER
ILEDH
IOUT high output current (Note 2)
RTSET = 2.32k
W ±1%
67.5
75
82.5
mA
ILEDL
IOUT/IOUT low output current
RTSET = 2.32k
W ±1%
0.1
mA
POWER SUPPLY CURRENT
ICC
Supply Current, 100BASE-FX operation,
Current into all VCC pins,
200
295
mA
transmitting
VCC = 5.25V
IPD
Supply Current, Powerdown Mode
20
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com