Electronic Components Datasheet Search
  English  ▼

X  

ML6695 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6695
Description  100BASE-X Fiber Physical Layer With 5-bit Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6695 Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML6695 Datasheet HTML 1Page - Micro Linear Corporation ML6695 Datasheet HTML 2Page - Micro Linear Corporation ML6695 Datasheet HTML 3Page - Micro Linear Corporation ML6695 Datasheet HTML 4Page - Micro Linear Corporation ML6695 Datasheet HTML 5Page - Micro Linear Corporation ML6695 Datasheet HTML 6Page - Micro Linear Corporation ML6695 Datasheet HTML 7Page - Micro Linear Corporation ML6695 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ML6695
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V ±5%, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMITTER (NOTE 8)
tTR/F
IOUT rise/fall time
Note 3
2
ns
tTDC
IOUT output duty cycle distortion
Note 3
-0.5
0.5
ns
SIGNAL DETECT
tAS
SDO assert time (SDO low to high)
VIN>8mVP-P
100
µs
tANS
SDO deassert time (SDO high to low)
VIN<8mVP-P
350
µs
DATA INTERFACE
XNTOL
TX input clock frequency tolerance
25MHz frequency
–50
50
ppm
tTPWH
TXC pulse width HIGH
14
ns
tTPWL
TXC pulse width LOW
14
ns
tRPWH
RXC pulse width HIGH
14
ns
tRPWL
RXC pulse width LOW
14
ns
tTPS
Setup time, TSM 0-4 data valid to
13
ns
TXC rising edge (1.4V point)
tTPH
Hold time, TSM 0-4 data valid after
3
ns
TXC rising edge (1.4V point)
tRCS
Time that RSM0-4 data are valid
10
ns
before RXC falling edge (1.4V point)
tRCH
Time that RSM0-4 data are valid
10
ns
after RXC falling edge (1.4V point)
tRPCR
RXC 10%-90% rise time
6ns
tRPCF
RXC 90%-10% fall time
6ns
Note 1. Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2. Output current amplitude is IOUT = 207V/RTSET.
Note 3. Using the test load shown in Figure 1, transmitting "H" symbols.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com