Electronic Components Datasheet Search
  English  ▼

X  

ML6698 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6698
Description  100BASE-TX Physical Layer with 5-Bit Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6698 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6698 Datasheet HTML 1Page - Micro Linear Corporation ML6698 Datasheet HTML 2Page - Micro Linear Corporation ML6698 Datasheet HTML 3Page - Micro Linear Corporation ML6698 Datasheet HTML 4Page - Micro Linear Corporation ML6698 Datasheet HTML 5Page - Micro Linear Corporation ML6698 Datasheet HTML 6Page - Micro Linear Corporation ML6698 Datasheet HTML 7Page - Micro Linear Corporation ML6698 Datasheet HTML 8Page - Micro Linear Corporation ML6698 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
May 1997
ML6698*
100BASE-TX Physical Layer with 5-Bit Interface
1
GENERAL DESCRIPTION
The ML6698 is a high-speed physical layer transceiver
that provides a 5-bit (or symbol) interface to unshielded
twisted pair cable media. The ML6698 is well suited for
adapter card applications using the DEC 21143, the
Macronix MX98713, or equivalent Media Access
Controllers (MACs). The ML6698 may be used in other
100BASE-TX applications requiring the 5-bit interface as
well as FDDI-over-copper applications.
The ML6698 integrates 125MHz clock recovery/
generation, receive adaptive equalization, baseline
wander correction and MLT-3/10BASE-T transmitter.
FEATURES
s
5-bit (or symbol) parallel interface
s
Compliant to IEEE 802.3u 100BASE-TX standard
s
Compliant to ANSI X3T12 TP-PMD (FDDI) standard
s
Single-jack 10BASE-T/100BASE-TX solution when used
with external 10Mbps PHY
s
125MHz receive clock recovery/generation
s
Baseline wander correction
s
Adaptive equalization and MLT-3 encoding/decoding
s
Supports full-duplex operation
*Some Packages Are End Of Life As Of August 1, 2000
BLOCK DIAGRAM (PLCC Pin Configuration)
TXC
TPOUTP
TPOUTN
NRZ TO NRZI
AND
NRZI TO MLT-3
ENCODER
CLOCK AND DATA
RECOVERY
NRZI TO NRZ DECODER
RTSET
TSM4
TSM3
TSM2
TPINP
TPINN
CMREF
RGMSET
SDO
TSM1
TSM0
RXC
RSM4
RSM3
RSM2
RSM1
RSM0
CLOCK SYTHESIZER
CONTROL LOGIC
EQUALIZER
BLW CORRECTION
MLT-3 DECODER
LOOPBACK MUX
SERIALIZER
DESERIALIZER
100BASE-TX/10BASE-T
TWISTED PAIR DRIVER
44
41
40
34
33
31
38
37
39
30
24
7
42
25
2
3
4
5
6
16
8
9
11
13
15


Similar Part No. - ML6698

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
100BASE-T MII-to-PMD Transceiver
ML6691CQ MICRO-LINEAR-ML6691CQ Datasheet
143Kb / 10P
100BASE-T MII-to-PMD Transceiver
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6692CH MICRO-LINEAR-ML6692CH Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6692CQ MICRO-LINEAR-ML6692CQ Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
More results

Similar Description - ML6698

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
100BASE-TX Physical Layer with MII
ML6694 MICRO-LINEAR-ML6694 Datasheet
177Kb / 12P
100BASE-TX Physical Layer with 5-Bit Interface
ML6695 MICRO-LINEAR-ML6695 Datasheet
216Kb / 8P
100BASE-X Fiber Physical Layer With 5-bit Interface
ML6697 MICRO-LINEAR-ML6697 Datasheet
331Kb / 16P
100BASE-TX Physical Layer with MII
logo
Texas Instruments
TNETE2101 TI-TNETE2101 Datasheet
497Kb / 39P
10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com